Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C40P Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT95C40P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C40P Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT95C40P Datasheet HTML 1Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 2Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
HT95L100/10P, HT95L000/00P
Pin Description
Pin Name
I/O
Description
CPU
VDD
¾
Positive power supply
VSS
¾
Negative power supply, ground
X1
I
A 32768Hz crystal (or resonator) should be connected to this pin and X2.
X2
O
A 32768Hz crystal (or resonator) should be connected to this pin and X1.
XC
I
External low pass filter used for frequency up conversion circuit.
RES
I
Schmitt trigger reset input, active low.
INT
I
Supported for HT95L000/00P
Schmitt trigger input for external interrupt
No internal pull-high resistor.
Edge trigger activated on a falling edge.
INT/TMR1
I
Supported for HT95L400/40P, HT95L300/30P, HT95L200/20P, HT95L100/10P
Schmitt trigger input for external interrupt or Timer/Event Counter 1.
No internal pull-high resistor.
For INT: Edge trigger activated on a falling edge.
For TMR1: Activated on falling or rising transition edge, selected by software.
TMR0
I
Supported for HT95L400/40P, HT95L300/30P, HT95L200/20P, HT95L100/10P
Schmitt trigger input for Timer/Event Counter 0.
No internal pull-high resistor.
Activated on falling or rising transition edge, selected by software.
HT95LXXX
Rev. 1.20
5
May 26, 2004
S E G 6
S E G 7
S E G 8
S E G 9
S E G 1 0
S E G 1 1
S E G 1 2
S E G 1 3
S E G 1 4
S E G 1 5
S E G 1 6 / P E 0
S E G 1 7 / P E 1
S E G 1 8 / P E 2
S E G 1 9 / P E 3
V L C D
M U S I C
R E S
T M R 0
D T M F
2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
5 1
5 0
4 9
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
6 1 6 0 5 9 5 8 5 7 5 6 5 5 5 4 5 3 5 2
6 4 6 3 6 2
C O M 0
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2
P A 1
P A 0
P B 7
P B 6
P B 5
P B 4
P B 3
P B 2
P B 1
P B 0
X M U T E
D N P O
H T 9 5 L 1 0 0 / 1 0 P
6 4 Q F P - A
P A 3
P A 2
P A 1
P A 0
P B 5
P B 4
V S S
P B 3
P B 2
P B 1
P B 0
I N T
C O M 0
C O M 1
C O M 2
C O M 3
C O M 4
C O M 5
C O M 6
C O M 7
S E G 0
S E G 1
S E G 2
S E G 3
S E G 4
S E G 5
S E G 6
S E G 7
P A 4
P A 5
P A 6
P A 7
X 1
X 2
X C
N C
V D D
R E S
D T M F
N C
N C
H F I
H F O
X M U T E
D N P O
P O
H K S
N C
S E G 1 5 / P E 3
S E G 1 4 / P E 2
S E G 1 3 / P E 1
S E G 1 2 / P E 0
S E G 1 1
S E G 1 0
S E G 9
S E G 8
5 6
5 5
5 4
5 3
5 2
5 1
5 0
4 9
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
H T 9 5 L 0 0 0 / 0 0 P
5 6 S S O P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com