Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD04060A Datasheet(PDF) 5 Page - Cree, Inc

Part # CSD04060A
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD04060A Datasheet(HTML) 5 Page - Cree, Inc

  CSD04060A Datasheet HTML 1Page - Cree, Inc CSD04060A Datasheet HTML 2Page - Cree, Inc CSD04060A Datasheet HTML 3Page - Cree, Inc CSD04060A Datasheet HTML 4Page - Cree, Inc CSD04060A Datasheet HTML 5Page - Cree, Inc CSD04060A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
CSD04060 Rev. Q
Package Dimensions
PackageTO-220-2
PIN1
PIN2
CASE
POS
Inches
Millimeters
Min
Max
Min
Max
A
.381
.410
9.677
10.414
B
.235
.255
5.969
6.477
C
.100
.120
2.540
3.048
D
.223
.337
5.664
8.560
E
.590
.615
14.986
15.621
F
.143
.153
3.632
3.886
G
1.105
1.147
28.067
29.134
H
.500
.550
12.700
13.970
J
R 0.197
R 0.197
L
.025
.036
.635
.914
M
.045
.055
1.143
1.397
N
.195
.205
4.953
5.207
P
.165
.185
4.191
4.699
Q
.048
.054
1.219
1.372
S
3°
6°
3°
6°
T
3°
6°
3°
6°
U
3°
6°
3°
6°
V
.094
.110
2.388
2.794
W
.014
.025
.356
.635
X
3°
5.5°
3°
5.5°
Y
.385
.410
9.779
10.414
z
.130
.150
3.302
3.810
NOTE:
1. DimensionL,M,WapplyforSolderDip
Finish
A
C
E
D
G
H
B
J
L
M
N
F
P
Q
S
T
U
V
W
X
Y
M in
M ax
M in
M ax
A
.395
.410
10.033
10.414
B
.235
.255
5.969
6.477
C
.102
.112
2.591
2.845
D
.337
.337
8.560
8.560
E
.590
.610
14.986
15.494
F
.149
.153
3.785
3.886
G
1.127
1.147
28.626 29.134
H
.530
.550
13.462
13.970
J
L
.028
.036
.711
.914
M
.045
.055
1.143
1.397
N
.195
.205
4.953
5.207
P
.170
.180
4.318
4.572
Q
.048
.054
1.219
1.371
S
3°
5°
3°
5°
T
3°
5°
3°
5°
U
3°
5°
3°
5°
V
.100
.110
2.54
2.794
W
.014
.021
.356
.533
X
3°
5°
3°
5°
Y
.395
.410
10.033
10.414
Z
.130
.150
3.302
3.810
Inches
M illim eters
P OS
R 0.010
R 0.254
1 2
Z
POS
Inches
Millimeters
Min
Max
Min
Max
A
.255
.265
6.477
6.731
B
.197
.205
5.004
5.207
C
.027
.033
.686
.838
D*
.270
.322
6.858
8.179
E
.178
.182
4.521
4.623
F
.025
.035
.635
.889
G
44˚
46˚
44˚
46˚
H
.382
.397
9.703
10.084
J
.090 TYP
2.286TYP
K
6˚
8˚
6˚
8˚
L
.086
.094
2.184
2.388
M
.030
.034
.762
.864
N
.040
.044
1.016
1.118
P
.235
.245
5.969
6.223
Q
0.00
.004
0.00
.102
R
R0.01 TYP
R0.31 TYP
S
.017
.023
.428
.588
T
.040
.044
1.016
1.118
U
.021
.027
.534
1.118
Package Dimensions
PackageTO-252-2
Note:
*Tab“D”maynotbepresent
*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com