Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD04060E Datasheet(PDF) 1 Page - Cree, Inc

Part # CSD04060E
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD04060E Datasheet(HTML) 1 Page - Cree, Inc

  CSD04060E Datasheet HTML 1Page - Cree, Inc CSD04060E Datasheet HTML 2Page - Cree, Inc CSD04060E Datasheet HTML 3Page - Cree, Inc CSD04060E Datasheet HTML 4Page - Cree, Inc CSD04060E Datasheet HTML 5Page - Cree, Inc CSD04060E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
CSD04060–Silicon Carbide Schottky Diode
Zero recovery® RectifieR
Features
• 600-VoltSchottkyRectifier
• ZeroReverseRecoveryCurrent
• ZeroForwardRecoveryVoltage
• High-FrequencyOperation
• Temperature-IndependentSwitchingBehavior
• ExtremelyFastSwitching
• PositiveTemperatureCoefficientonV
F
Benefits
• ReplaceBipolarwithUnipolarRectifiers
• EssentiallyNoSwitchingLosses
• HigherEfficiency
• ReductionofHeatSinkRequirements
• ParallelDevicesWithoutThermalRunaway
Applications
• SwitchModePowerSupplies
• PowerFactorCorrection
-TypicalPFCP
out:400W-800W
• MotorDrives
-TypicalPower:0.5HP-2HP
Package
TO-252-2 TO-220-2
Maximum Ratings
Symbol Parameter
Value
Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
600
V
V
RSM
SurgePeakReverseVoltage
600
V
V
DC
DCBlockingVoltage
600
V
I
F(AVG)
AverageForwardCurrent
4
7
A
T
C=150˚C
T
C=125˚C
I
F(PEAK)
PeakForwardCurrent
10
A
T
C=125˚,TREP<1mS,Duty=0.5
I
FRM
RepetitivePeakForwardSurgeCurrent
17.5
12.5
A
T
C=25˚C,tP=10ms,HalfSineWave
T
C=125˚C,tP=10ms,HalfSineWave
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
38
A
T
C=25˚C,tP=1.5ms,HalfSineWave
I
FSM
Non-RepetitivePeakForwardSurgeCurrent
110
A
T
C=25˚C,tP=10µs,Pulse
P
tot
PowerDissipation
62.5
20.8
W
T
C=25˚C
T
C=125˚C
T
J,Tstg
OperatingJunctionandStorageTemperature
-55to
+175
˚C
TO-220MountingTorque
1
8.8
Nm
lbf-in
M3Screw
6-32Screw
Part Number
Package
Marking
CSD04060A
TO-220-2
CSD04060
CSD04060E
TO-252-2
CSD04060
PIN1
PIN2
CASE
V
RRM
= 600 V
I
F(AVG)=4A
Q
c
=9nC


Similar Part No. - CSD04060E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD04060E ETC-CSD04060E Datasheet
203Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
CSD04060E ISC-CSD04060E Datasheet
311Kb / 3P
Silicon Carbide Schottky Diode
More results

Similar Description - CSD04060E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com