Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD20030 Datasheet(PDF) 4 Page - Cree, Inc

Part # CSD20030
Description  ZERO RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD20030 Datasheet(HTML) 4 Page - Cree, Inc

  CSD20030 Datasheet HTML 1Page - Cree, Inc CSD20030 Datasheet HTML 2Page - Cree, Inc CSD20030 Datasheet HTML 3Page - Cree, Inc CSD20030 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRELIMINARY
CSD20030
Page 4 • CSD20030, Rev A
Package Dimensions
Package TO-247-3
Part Number
Package
Marking
CSD20030D
TO-247-3
CSD20030
This product has not been designed or tested for
use in, and is not intended for use in, applications
implanted into the human body nor in applications
in which failure of the product could lead to death,
personal injury or property damage, including but
not limited to equipment used in the operation of
nuclear facilities, life-support machines, cardiac
defibrillators or similar emergency medical
equipment, aircraft navigation or communication or
control systems, air traffic control systems, or
weapons systems.
Copyright © 2001-2004 Cree, Inc. All rights
reserved. Permission is given to reproduce this
document provided the entire document (including
this copyright notice) is duplicated.
The information in this document is subject to
change without notice.
Cree and the Cree logo are trademarks of Cree,
Inc.
Cree, Inc.
Power Products
4600 Silicon Drive
• Durham, NC 27703 • USA
Tel: 919-313-5300
• Fax: 919-313-5451
www.cree.com
PIN 2
PIN 3
CASE
PIN 1
Q
P
N
M
L
K
J
H
U
T
S
R
A
G
F
E
D
C
B
V
Min
Max
Min
Max
A
.621
.631
15.773 16.027
B
.820
.830
20.823 21.077
C
.789
.799
20.053 20.307
D
.120
.126
3.044
3.196
E
.047
.052
1.200
1.327
F
.075
.084
1.903
2.132
G
H
.193
.203
4.903
5.157
J
.075
.081
1.904
2.056
K
19°
21°
19°
21°
L
4°
6°
4°
6°
M
2°
4°
2°
4°
N
2°
4°
2°
4°
P
.093
.097
2.349
2.451
Q
.024
.030
.600
.752
R
9°
11°
9°
11°
S
9°
11°
9°
11°
T
2°
4°
2°
4°
U
2°
4°
2°
4°
V
.140
.144
3.560
3.660
.215 TYP
5.450 TYP
POS
Inches
Millimeters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com