Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC752GTM Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC752GTM
Description  Ultra High Speed Switching Applications Computer, Counter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC752GTM Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC752GTM Datasheet HTML 1Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 2Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 3Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 4Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC752(G)TM
2003-03-25
1
TOSHIBA Transistor
Silicon NPN Epitaxial Type (PCT process)
2SC752(G)TM
Ultra High Speed Switching Applications
Computer, Counter Applications
· High transition frequency: fT = 400 MHz (typ.)
· Low saturation voltage: VCE (sat) = 0.3 V (max)
· High speed switching time: tstg = 15 ns (typ.)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
200
mA
Base current
IB
40
mA
Collector power dissipation
PC
400
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
hFE (1)
(Note)
VCE = 1 V, IC = 10 mA
40
¾
240
DC current gain
hFE (2)
VCE = 1 V, IC = 100 mA
20
¾
¾
Collector-emitter saturation voltage
VCE (sat)
IC = 20 mA, IB = 1 mA
¾
¾
0.3
V
Base-emitter saturation voltage
VBE (sat)
IC = 20 mA, IB = 1 mA
¾
¾
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 10 mA
200
400
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
4
6
pF
Turn-on time
ton
¾
70
100
Storage time
tstg
¾
15
30
Switching time
Fall time
tf
Duty cycle <
= 2%
¾
30
70
ns
Note: hFE classification R: 40~80, O: 70~140, Y: 120~240
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - 2SC752GTM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC752GTM TOSHIBA-2SC752GTM Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
2SC752GTM TOSHIBA-2SC752GTM Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
2SC752GTM TOSHIBA-2SC752GTM Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
More results

Similar Description - 2SC752GTM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3437 TOSHIBA-2SC3437 Datasheet
160Kb / 4P
NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
2SC4667 TOSHIBA-2SC4667 Datasheet
172Kb / 4P
NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
1SS302 TOSHIBA-1SS302_07 Datasheet
215Kb / 3P
Ultra High Speed Switching Applications
1SS361FV TOSHIBA-1SS361FV Datasheet
199Kb / 4P
Ultra-High-Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU Datasheet
179Kb / 3P
Ultra High Speed Switching Applications
logo
Guangdong Kexin Industr...
1SS301 KEXIN-1SS301 Datasheet
43Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATIONS
1SS308 KEXIN-1SS308 Datasheet
35Kb / 1P
Ultra High Speed Switching Applications
logo
Toshiba Semiconductor
2SC4667 TOSHIBA-2SC4667_03 Datasheet
138Kb / 5P
Ultra High Speed Switching Applications Computer, Counter Applications
1SS427 TOSHIBA-1SS427 Datasheet
222Kb / 4P
Ultra-High Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU_14 Datasheet
201Kb / 3P
Ultra High Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com