Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9554 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCA9554
Description  8-bit I2C and SMBus I/O Port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9554 Datasheet(HTML) 2 Page - ON Semiconductor

  PCA9554 Datasheet HTML 1Page - ON Semiconductor PCA9554 Datasheet HTML 2Page - ON Semiconductor PCA9554 Datasheet HTML 3Page - ON Semiconductor PCA9554 Datasheet HTML 4Page - ON Semiconductor PCA9554 Datasheet HTML 5Page - ON Semiconductor PCA9554 Datasheet HTML 6Page - ON Semiconductor PCA9554 Datasheet HTML 7Page - ON Semiconductor PCA9554 Datasheet HTML 8Page - ON Semiconductor PCA9554 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PCA9554
www.onsemi.com
2
Figure 1. Block Diagram
8−BIT
WRITE pulse
READ pulse
LP FILTER
POWER−ON
RESET
INPUT
FILTER
CONTROL
A0
A1
A2
SDA
SCL
INPUT/
OUTPUT
PORTS
INT
VCC
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I2C/SMBUS
VCC
VSS
Note: All I/Os are set to inputs at RESET.
Table 1. PIN DESCRIPTION
TSSOP
Pin Name
Function
1
A0
Address Input 0
2
A1
Address Input 1
3
A2
Address Input 2
4−7
I/O0−3
Input/Output Port 0 to Input/Output Port 3
8
VSS
Ground
9−12
I/O4−7
Input/Output Port 4 to Input/Output Port 7
13
INT
Interrupt Output (open drain)
14
SCL
Serial Clock
15
SDA
Serial Data
16
VCC
Power Supply
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VCC with Respect to Ground
−0.5 to +6.5
V
Voltage on Any Pin with Respect to Ground
−0.5 to +5.5
V
DC Current on I/O0 to I/O7
±50
mA
DC Input Current
±20
mA
VCC Supply Current
85
mA
VSS Supply Current
100
mA
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Junction Temperature
+150
°C
Storage Temperature
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 3. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Units
VZAP (Note 2)
ESD Susceptibility
JEDEC Standard JESD 22
2000
Volts
ILTH (Notes 2, 3)
Latch−up
JEDEC Standard 17
100
mA
2. This parameter is tested initially and after a design or process change that affects the parameter.
3. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC +1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com