Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7805ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7805ZPBF
Description  High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7805ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7805ZPBF Datasheet HTML 1Page - International Rectifier IRF7805ZPBF Datasheet HTML 2Page - International Rectifier IRF7805ZPBF Datasheet HTML 3Page - International Rectifier IRF7805ZPBF Datasheet HTML 4Page - International Rectifier IRF7805ZPBF Datasheet HTML 5Page - International Rectifier IRF7805ZPBF Datasheet HTML 6Page - International Rectifier IRF7805ZPBF Datasheet HTML 7Page - International Rectifier IRF7805ZPBF Datasheet HTML 8Page - International Rectifier IRF7805ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
06/30/05
IRF7805ZPbF
HEXFET® Power MOSFET
Notes
 through … are on page 10
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l 100% tested for Rg
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
VDSS
RDS(on) max
Qg (typ.)
30V 6.8m
:@VGS = 10V
18nC
Applications
l High Frequency Point-of-Load
Synchronous Buck Converter for
Applications in Networking &
Computing Systems.
l Lead-Free
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
W
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
g
–––
20
°C/W
RθJA
Junction-to-Ambient
fg
–––
50
Max.
16
12
120
± 20
30
-55 to + 150
2.5
0.02
1.6
PD - 96011A


Similar Part No. - IRF7805ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
275Kb / 10P
Ultra-Low Gate Impedance
IRF7805ZPBF-1 IRF-IRF7805ZPBF-1 Datasheet
261Kb / 10P
Industry-standard pinout SO-8 Package
IRF7805ZPBF-1 IRF-IRF7805ZPBF-1_15 Datasheet
261Kb / 10P
Industry-standard pinout SO-8 Package
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
Ultra-Low Gate Impedance
More results

Similar Description - IRF7805ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7821TR IRF-IRF7821TR Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
IRF7805ZGTRPBF IRF-IRF7805ZGTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter.
WSF50P04 WIINSOK-WSF50P04 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF4042 WIINSOK-WSF4042 Datasheet
2Mb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
WSD50P10ADN56 WIINSOK-WSD50P10ADN56 Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSD40P10DN56 WIINSOK-WSD40P10DN56 Datasheet
2Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com