Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC4617
Description  NPN Silicon General Purpose Amplifier Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4617 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC4617 Datasheet HTML 1Page - ON Semiconductor 2SC4617 Datasheet HTML 2Page - ON Semiconductor 2SC4617 Datasheet HTML 3Page - ON Semiconductor 2SC4617 Datasheet HTML 4Page - ON Semiconductor 2SC4617 Datasheet HTML 5Page - ON Semiconductor 2SC4617 Datasheet HTML 6Page - ON Semiconductor 2SC4617 Datasheet HTML 7Page - ON Semiconductor 2SC4617 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC4617
http://onsemi.com
3
1.4
0.5 min. (3x)
TYPICAL
SOLDERING PATTERN
Unit: mm
PD =
TJ(max) – TA
R
θJA
PD =
150
°C – 25°C
833
°C/W
= 150 milliwatts
• The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
• When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied dur-
ing cooling
* Soldering a device without preheating can cause exces-
sive thermal shock and stress which can result in damage
to the device.
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
SOT–416/SC–90 POWER DISSIPATION
The power dissipation of the SOT–416/SC–90 is a func-
tion of the pad size. This can vary from the minimum pad
size for soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device
is determined by TJ(max), the maximum rated junction tem-
perature of the die, R
θJA, the thermal resistance from the
device junction to ambient; and the operating temperature,
TA. Using the values provided on the data sheet, PD can be
calculated as follows.
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one
can calculate the power dissipation of the device which in
this case is 125 milliwatts.
The 833
°C/W assumes the use of the recommended foot-
print on a glass epoxy printed circuit board to achieve a
power dissipation of 150 milliwatts. Another alternative
would be to use a ceramic substrate or an aluminum core
board such as Thermal Clad
™. Using a board material such
as Thermal Clad, a higher power dissipation can be
achieved using the same footprint.
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
• Always preheat the device.
• The delta temperature between the preheat and
soldering should be 100
°C or less.*
• When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference should be a maximum of 10
°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com