Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03352 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03352
Description  SAW Filter 897.50MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03352 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03352 Datasheet HTML 1Page - Golledge Electronics Ltd MP03352 Datasheet HTML 2Page - Golledge Electronics Ltd MP03352 Datasheet HTML 3Page - Golledge Electronics Ltd MP03352 Datasheet HTML 4Page - Golledge Electronics Ltd MP03352 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 897.50MHz
Model: TA1003A
Part No: MP03352
Rev No: 1
TA1003A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 20dBm
2. DC voltage: 3V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
897.5
-
Insertion loss (880 ~ 915MHz) IL
dB
-
2.1
3.0
Amplitude ripple (880 ~ 915MHz)
dB
-
1.0
2.0
Attenuation (Reference level from 0dB)
DC ~ 860MHz
dB
17
19
-
925 ~ 935MHz
dB
5
12.4
-
935 ~ 960MHz
dB
20
24
-
980 ~ 2000MHz
dB
20
22
-
VSWR (880 ~ 915MHz)
-
2
2.6
Source impedance ZS
-
50
-
Load impedance ZL
-
50
-
Note: The standard definitions is in JIS C 6703
C. MEASUREMENT CIRCUIT:
50Ω
HP Network an aly ze r
50Ω
SAW Filter
B
E
A , C ,D , F


Similar Part No. - MP03352

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03357 GOLLEDGE-MP03357 Datasheet
75Kb / 6P
SAW Filter 815.0MHz
MP03358 GOLLEDGE-MP03358 Datasheet
271Kb / 6P
SAW Filter: 836.50MHz
More results

Similar Description - MP03352

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA07813 GOLLEDGE-MA07813 Datasheet
399Kb / 5P
897.50MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com