Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03450 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03450
Description  SAW Filter 836.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03450 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03450 Datasheet HTML 1Page - Golledge Electronics Ltd MP03450 Datasheet HTML 2Page - Golledge Electronics Ltd MP03450 Datasheet HTML 3Page - Golledge Electronics Ltd MP03450 Datasheet HTML 4Page - Golledge Electronics Ltd MP03450 Datasheet HTML 5Page - Golledge Electronics Ltd MP03450 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 836.50MHz
Model: TA0968A
Part No: MP03450
Rev No: 1
TA0968A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
836.5
-
-
Insertion Loss (824 ~ 849MHz) IL
dB
-
2.5
3.1
-
Amplitude Ripple (824 ~ 849MHz)
dB
-
0.9
1.5
-
VSWR (824 ~ 849MHz)
-
1.7
2
-
Relative Attenuation (relative to 0dB)
10 ~ 800MHz
dB
30
51
-
-
869 ~ 894MHz
dB
20
26.5
-
-
894 ~ 920MHz
dB
34
39
-
-
920 ~ 1210MHz
dB
40
60
-
-
1210 ~ 1500MHz
dB
30
58
-
-
1500 ~ 2000MHz
dB
25
45
-
-
2000 ~ 2600MHz
dB
20
33
-
-
2600 ~ 3000MHz
dB
15
28
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network an aly ze r
50Ω
SAW Filter
B
E
A , C ,
D,
F


Similar Part No. - MP03450

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03454 GOLLEDGE-MP03454 Datasheet
86Kb / 6P
SAW Filter 138.240MHz
More results

Similar Description - MP03450

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP03358 GOLLEDGE-MP03358 Datasheet
271Kb / 6P
SAW Filter: 836.50MHz
MP06501 GOLLEDGE-MP06501 Datasheet
161Kb / 5P
SAW Filter 836.50MHz
MP07844 GOLLEDGE-MP07844 Datasheet
238Kb / 7P
SAW Filter 836.50MHz
MA05675 GOLLEDGE-MA05675 Datasheet
144Kb / 6P
SAW Filter: 836.50MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com