Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLLD4160ATHT7 Datasheet(PDF) 1 Page - Kemet Corporation

Part # FLLD4160ATHT7
Description  KEMET, FLLD4-TH, EMI/RFI Filters, Noise Suppression, 520 VAC, 160 A, 280x140x170mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLD4160ATHT7 Datasheet(HTML) 1 Page - Kemet Corporation

  FLLD4160ATHT7 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: FLLD4160ATHT7
KEMET, FLLD4-TH, EMI/RFI Filters, Noise Suppression, 520 VAC, 160 A, 280x140x170mm
Dimensions
L
280mm NOM
W
140mm NOM
H
170mm NOM
L1
230mm NOM
W1
153.5mm NOM
W2
170mm NOM
J
50mm NOM
K
6.5mm NOM
M (Earth)
Threaded Studs M10
Lead
Threaded Studs M10
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1
Weight: 6.1 kg
General Information
Series: FLLD4-TH
Style: Chassis Mount
Description: EMI Filter, Classis Mount,
Compact
Features: Three Phase, High Performance
RoHS: Yes
Qualifications: IEC/EN 60939
Lead: Threaded Studs M10
Specifications
Voltage AC: 520 VAC, 300 VAC
Rated Frequency: 50-60 Hz
Ripple Current: 160 A (50C)
Rated Temperature: 50C
Temperature Range: -25/+100C
Climate Category: 25/100/21
Test Voltage DC (P to P): 2250 VDC
Test Voltage DC (P to E): 3000 VDC
Voltage: 2250 VDC (Test P to P), 3000
VDC (Test P to E)
Power Loss: 32 W (25C 50 Hz)
Leakage Current: 11 mA
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/02/2019 - 739239bf-bfec-4eb5-a09a-73c50202c830


Similar Part No. - FLLD4160ATHT7

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD4120ATHT6 KEMET-FLLD4120ATHT6 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 120 A, 250x140x140mm
More results

Similar Description - FLLD4160ATHT7

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD32K5APXI1 KEMET-FLLD32K5APXI1 Datasheet
73Kb / 1P
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 2.5 kA, 450x300x220mm
FLLD3250APXI1 KEMET-FLLD3250APXI1 Datasheet
73Kb / 1P
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 250 A, 300x180x125mm
FLLD3320APXI1 KEMET-FLLD3320APXI1 Datasheet
73Kb / 1P
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 320 A, 300x210x115mm
FLLD3400APXI1 KEMET-FLLD3400APXI1 Datasheet
73Kb / 1P
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 400 A, 300x210x115mm
FLLD3600APXI1 KEMET-FLLD3600APXI1 Datasheet
73Kb / 1P
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 600 A, 300x210x135mm
FLLD3800APXI1 KEMET-FLLD3800APXI1 Datasheet
73Kb / 1P
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 800 A, 350x230x170mm
FLLD4064ATHT5 KEMET-FLLD4064ATHT5 Datasheet
95Kb / 1P
KEMET, FLLD4-TH, EMI/RFI Filters, Noise Suppression, 520 VAC, 64 A, 160x125x125mm
FLLD4200ATHT7 KEMET-FLLD4200ATHT7 Datasheet
95Kb / 1P
KEMET, FLLD4-TH, EMI/RFI Filters, Noise Suppression, 520 VAC, 200 A, 280x140x170mm
FLLD31K0APXI1 KEMET-FLLD31K0APXI1 Datasheet
73Kb / 1P
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 1 kA, 350x230x170mm
FLLD31K6APXI1 KEMET-FLLD31K6APXI1 Datasheet
74Kb / 1P
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 1.6 kA, 400x250x160mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com