Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5849 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC5849
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5849 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC5849 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5849 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5849 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5849 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5849 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5849 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5849 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5849 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5849 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5849
Rev.0, Nov. 2001, page 7 of 10
S Parameter
(V
CE = 1 V, IC = 5 mA, ZO = 50 Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.807
–40.6
14.95
154.2
0.030
69.3
0.913
–19.1
200
0.737
–73.7
12.30
135.0
0.049
55.5
0.768
–31.8
300
0.675
–98.4
9.86
121.2
0.061
47.8
0.633
–38.8
400
0.642
–115.9
8.03
111.9
0.067
44.0
0.544
–42.3
500
0.624
–127.9
6.72
105.0
0.071
42.8
0.484
–44.4
600
0.611
–138.1
5.75
99.4
0.074
43.2
0.442
–45.2
700
0.604
–145.4
5.02
95.0
0.078
43.8
0.412
–46.0
800
0.599
–151.6
4.45
90.9
0.081
45.4
0.390
–46.7
900
0.595
–157.2
3.98
87.6
0.084
47.2
0.373
–47.6
1000
0.594
–161.2
3.62
84.5
0.087
49.3
0.362
–48.4
1100
0.591
–165.5
3.33
81.8
0.091
51.3
0.354
–49.5
1200
0.592
–168.4
3.06
79.0
0.095
53.6
0.347
–50.7
1300
0.591
–171.5
2.86
76.4
0.099
55.3
0.341
–52.0
1400
0.592
–174.8
2.66
74.1
0.103
57.2
0.340
–53.5
1500
0.592
–176.8
2.51
72.0
0.108
59.1
0.335
–54.8
1600
0.589
–180.0
2.35
69.7
0.113
61.1
0.337
–56.3
1700
0.594
177.7
2.23
67.8
0.119
62.8
0.334
–58.3
1800
0.594
175.7
2.13
65.7
0.126
64.7
0.335
–60.0
1900
0.596
173.9
2.03
63.7
0.132
65.7
0.335
–62.0
2000
0.598
171.3
1.94
61.9
0.139
66.9
0.335
–64.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com