Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6220CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6220CS8
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6220CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT6220CS8 Datasheet HTML 1Page - Linear Technology LT6220CS8 Datasheet HTML 2Page - Linear Technology LT6220CS8 Datasheet HTML 3Page - Linear Technology LT6220CS8 Datasheet HTML 4Page - Linear Technology LT6220CS8 Datasheet HTML 5Page - Linear Technology LT6220CS8 Datasheet HTML 6Page - Linear Technology LT6220CS8 Datasheet HTML 7Page - Linear Technology LT6220CS8 Datasheet HTML 8Page - Linear Technology LT6220CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT6220/LT6221/LT6222
5
sn622012 622012fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
●
125
700
µV
VCM = 0V (DD Package)
●
300
1300
µV
VCM = 0V (S5 Package)
●
350
2000
µV
VCM = VS
●
0.75
3.5
mV
VCM = VS (S5 Package)
●
1
4.5
mV
∆VOS
Input Offset Voltage Shift
VS = 5V, VCM = 0V to 3.5V
●
30
300
µV
VS = 3V, VCM = 0V to 1.5V
●
30
210
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = 0V
●
175
1200
µV
(Note 9)
VCM = 0V (DD Package)
●
300
2200
µV
VOS TC
Input Offset Voltage Drift (Note 8)
●
1.5
7.5
µV/°C
(S5 Package)
●
3.5
15
µV/°C
IB
Input Bias Current
VCM = 1V
●
25
200
nA
VCM = VS – 0.2V
●
300
900
nA
Input Bias Current Match (Channel-to-Channel)
VCM = 1V
●
15
250
nA
(Note 9)
VCM = VS – 0.2V
●
20
350
nA
IOS
Input Offset Current
VCM = 1V
●
20
150
nA
VCM = VS – 0.2V
●
20
150
nA
AVOL
Large Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k at VS/2
●
25
70
V/mV
VS = 5V, VO = 1.5V to 3.5V, RL = 100Ω at VS/2 ●
2.5
8
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL= 1k at VS/2
●
20
60
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 0V to 3.5V
●
81
100
dB
VS = 3V, VCM = 0V to 1.5V
●
77
100
dB
CMRR Match (Channel-to-Channel) (Note 9)
VS = 5V, VCM = 0V to 3.5V
●
76
100
dB
VS = 3V, VCM = 0V to 1.5V
●
72
100
dB
Input Common Mode Range
●
0VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
●
79
104
dB
PSRR Match (Channel-to-Channel) (Note 9)
●
74
104
dB
Minimum Supply Voltage (Note 6)
●
2.2
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
●
10
60
mV
ISINK = 5mA
●
120
240
mV
ISINK = 10mA
●
220
450
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
●
10
60
mV
ISOURCE = 5mA
●
160
325
mV
ISOURCE = 10mA
●
325
650
mV
ISC
Short-Circuit Current
VS = 5V
●
12.5
30
mA
VS = 3V
●
12.5
25
mA
IS
Supply Current Per Amplifier
●
1.1
1.5
mA
GBW
Gain-Bandwidth Product
VS = 5V, Frequency = 1MHz
●
25
50
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4V
●
815
V/µs
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the –40°C ≤ T
A ≤ 85°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply unless otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com