Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M45PE10-VMP6
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10-VMP6 Datasheet(HTML) 4 Page - STMicroelectronics

  M45PE10-VMP6 Datasheet HTML 1Page - STMicroelectronics M45PE10-VMP6 Datasheet HTML 2Page - STMicroelectronics M45PE10-VMP6 Datasheet HTML 3Page - STMicroelectronics M45PE10-VMP6 Datasheet HTML 4Page - STMicroelectronics M45PE10-VMP6 Datasheet HTML 5Page - STMicroelectronics M45PE10-VMP6 Datasheet HTML 6Page - STMicroelectronics M45PE10-VMP6 Datasheet HTML 7Page - STMicroelectronics M45PE10-VMP6 Datasheet HTML 8Page - STMicroelectronics M45PE10-VMP6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
M45PE10
4/34
SUMMARY DESCRIPTION
The M45PE10 is a 1Mbit (128K x 8 bit) Serial
Paged Flash Memory accessed by a high speed
SPI-compatible bus.
The memory can be written or programmed 1 to
256 bytes at a time, using the Page Write or Page
Program instruction. The Page Write instruction
consists of an integrated Page Erase cycle fol-
lowed by a Page Program cycle.
The memory is organized as 2 sectors, each con-
taining 256 pages. Each page is 256 bytes wide.
Thus, the whole memory can be viewed as con-
sisting of 512 pages, or 131,072 bytes.
The memory can be erased a page at a time, using
the Page Erase instruction, or a sector at a time,
using the Sector Erase instruction.
In order to meet environmental requirements, ST
offers these devices in ECOPACK® packages.
ECOPACK® packages are Lead-free and RoHS
compliant.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at: www.st.com.
Figure 2. Logic Diagram
Figure 3. SO and VDFPN Connections
Note: 1. There is an exposed die paddle on the underside of the
MLP8 package. This is pulled, internally, to VSS, and
must not be allowed to be connected to any other voltage
or signal line on the PCB.
2. See PACKAGE MECHANICAL section for package di-
mensions, and how to identify pin-1.
Table 1. Signal Names
Reset
AI07403
S
VCC
M45PE10
VSS
W
Q
C
D
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
Reset
Reset
VCC
Supply Voltage
VSS
Ground
1
AI07404
2
3
4
8
7
6
5
W
S
VCC
VSS
C
DQ
Reset
M45PE10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com