Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2631480002 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 2631480002
Description  Round Cable Snap- Its
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2631480002 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  2631480002 Datasheet HTML 1Page - Fair-Rite Products Corp. 2631480002 Datasheet HTML 2Page - Fair-Rite Products Corp. 2631480002 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Impedance (Ω)
1 MHz
25
5 MHz
75
10 MHz
+
100
25 MHz
+
169
100 MHz
+
280
250 MHz
247
Round cable snap- it assemblies are controlled for impedances only. Minimum impedance values are specified for the + marked
frequencies. The minimum impedance is typically the listed impedance less 20%.
Single turn impedance tests for the 31, 43/44 and 46 material parts are performed on the 4193A Vector Impedance Analyzer. The
61 material parts are tested on the 4291A RF Impedance Analyzer and 75 material parts are tested on the 4285A LCR Meter..
Cores are tested with the shortest practical wire length.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com