Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6221CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6221CS8
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6221CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT6221CS8 Datasheet HTML 1Page - Linear Technology LT6221CS8 Datasheet HTML 2Page - Linear Technology LT6221CS8 Datasheet HTML 3Page - Linear Technology LT6221CS8 Datasheet HTML 4Page - Linear Technology LT6221CS8 Datasheet HTML 5Page - Linear Technology LT6221CS8 Datasheet HTML 6Page - Linear Technology LT6221CS8 Datasheet HTML 7Page - Linear Technology LT6221CS8 Datasheet HTML 8Page - Linear Technology LT6221CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT6220/LT6221/LT6222
1
sn622012 622012fs
–
+
IPD
PHOTODIODE
~4pF
VS+
VS+
VS+
VS–
VS–
LT6220
100k
3.24k
33k
10k
1pF
30pF
LT1634-1.25
VOUT
VS = ±1.5V TO ±5V
622012 TA01
■ Low Voltage, High Frequency Signal Processing
■
Driving A/D Converters
■ Rail-to-Rail Buffer Amplifiers
■ Active Filters
■
Video Amplifiers
■ Fast Current Sensing Amplifiers
■ Gain Bandwidth Product: 60MHz
■ Input Common Mode Range Includes Both Rails
■
Output Swings Rail-to-Rail
■ Low Quiescent Current: 1mA Max
■ Input Offset Voltage: 350µ
µ
µ
µ
µV Max
■
Input Bias Current: 150nA Max
■ Wide Supply Range: 2.2V to 12.6V
■ Large Output Current: 50mA Typ
■
Low Voltage Noise: 10nV√Hz Typ
■ Slew Rate: 20V/µs Typ
■ Common Mode Rejection: 102dB Typ
■
Power Supply Rejection: 105dB Typ
■ Open-Loop Gain: 100V/mV Typ
■ Operating Temperature Range: – 40°C to 85°C
■
Single in the 8-Pin SO and 5-Pin Low Profile
(1mm) ThinSOT
TM Packages
■ Dual in the 8-Pin SO and (3mm x 3mm) DFN
Packages
■ Quad in the 16-Pin SSOP Package
Single/Dual/Quad 60MHz,
20V/µs, Low Power, Rail-to-Rail Input
and Output Precision Op Amps
The LT
®6220/LT6221/LT6222 are single/dual/quad, low
power, high speed rail-to-rail input and output operational
amplifiers with excellent DC performance. The LT6220/
LT6221/LT6222 feature reduced supply current, lower
input offset voltage, lower input bias current and higher
DC gain than other devices with comparable bandwidth.
Typically, the LT6220/LT6221/LT6222 have an input off-
set voltage of less than 100µV, an input bias current of less
than 15nA and an open-loop gain of 100V/mV. The parts
have an input range that includes both supply rails and an
output that swings within 10mV of either supply rail to maxi-
mize the signal dynamic range in low supply applications.
The LT6220/LT6221/LT6222 maintain performance for
supplies from 2.2V to 12.6V and are specified at 3V, 5V
and ±5V supplies. The inputs can be driven beyond the
supplies without damage or phase reversal of the output.
The LT6220 is housed in the 8-pin SO package with the
standard op amp pinout as well as the 5-pin SOT-23
package. The LT6221 is available in 8-pin SO and DFN
(3mm × 3mm low profile dual fine pitch leadless) pack-
ages with the standard op amp pinout. The LT6222 fea-
tures the standard quad op amp configuration and is
available in the 16-Pin SSOP package. The LT6220/ LT6221/
LT6222 can be used as plug-in replacements for many op
amps to improve input/output range and performance.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Stepped-Gain Photodiode Amplifier
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
ThinSOT is a trademark of Linear Technology Corporation.
VOS Distribution, VCM = 0V
(S8, PNP Stage)
INPUT OFFSET VOLTAGE (µV)
–250
30
40
50
150
622012 G01
20
10
25
35
45
15
5
0
–150
–50
0
50
250
VS = 5V, 0V
VCM = 0V


Similar Part No. - LT6221CS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT6221 AD-LT6221 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LT6221 LINER-LT6221_15 Datasheet
370Kb / 22P
Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
More results

Similar Description - LT6221CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1630 LINER-LT1630 Datasheet
356Kb / 16P
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1632 LINER-LT1632 Datasheet
365Kb / 16P
45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
logo
Linear Technology
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com