Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT60ZB6F Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58WR032FT60ZB6F
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT60ZB6F Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58WR032FT60ZB6F Datasheet HTML 40Page - STMicroelectronics M58WR032FT60ZB6F Datasheet HTML 41Page - STMicroelectronics M58WR032FT60ZB6F Datasheet HTML 42Page - STMicroelectronics M58WR032FT60ZB6F Datasheet HTML 43Page - STMicroelectronics M58WR032FT60ZB6F Datasheet HTML 44Page - STMicroelectronics M58WR032FT60ZB6F Datasheet HTML 45Page - STMicroelectronics M58WR032FT60ZB6F Datasheet HTML 46Page - STMicroelectronics M58WR032FT60ZB6F Datasheet HTML 47Page - STMicroelectronics M58WR032FT60ZB6F Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
M58WR032FT, M58WR032FB
44/86
Table 20. Asynchronous Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
Symbol
Alt
Parameter
M58WR032FT/B
Unit
60
70
80
tAVAV
tRC
Address Valid to Next Address Valid
Min
60
70
80
ns
tAVQV
tACC
Address Valid to Output Valid (Random)
Max
60
70
80
ns
tAVQV1
tPAGE
Address Valid to Output Valid (Page)
Max
20
20
25
ns
tAXQX
(1)
tOH
Address Transition to Output Transition
Min
0
0
0
ns
tELTV
Chip Enable Low to Wait Valid
Max
11
14
14
ns
tELQV
(2)
tCE
Chip Enable Low to Output Valid
Max
60
70
80
ns
tELQX
(1)
tLZ
Chip Enable Low to Output Transition
Min
0
0
0
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
14
17
17
ns
tEHQX
(1)
tOH
Chip Enable High to Output Transition
Min
0
0
0
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
Max
14
17
17
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
Max
20
20
25
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output Transition
Min
0
0
0
ns
tGHQX
(1)
tOH
Output Enable High to Output Transition
Min
0
0
0
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
Max
14
14
14
ns
tAVLH
tAVADVH
Address Valid to Latch Enable High
Min
7
9
9
ns
tELLH
tELADVH
Chip Enable Low to Latch Enable High
Min
10
10
10
ns
tLHAX
tADVHAX
Latch Enable High to Address Transition
Min
7
9
9
ns
tLLLH
tADVLADVH Latch Enable Pulse Width
Min
7
9
9
ns
tLLQV
tADVLQV
Latch Enable Low to Output Valid (Random)
Max
60
70
80
ns
tLHGL
tADVHGL
Latch Enable High to Output Enable Low
Min
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com