Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6G Datasheet(PDF) 33 Page - STMicroelectronics

Part # M45PE10-VMP6G
Description  1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE10-VMP6G Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M45PE10-VMP6G Datasheet HTML 26Page - STMicroelectronics M45PE10-VMP6G Datasheet HTML 27Page - STMicroelectronics M45PE10-VMP6G Datasheet HTML 28Page - STMicroelectronics M45PE10-VMP6G Datasheet HTML 29Page - STMicroelectronics M45PE10-VMP6G Datasheet HTML 30Page - STMicroelectronics M45PE10-VMP6G Datasheet HTML 31Page - STMicroelectronics M45PE10-VMP6G Datasheet HTML 32Page - STMicroelectronics M45PE10-VMP6G Datasheet HTML 33Page - STMicroelectronics M45PE10-VMP6G Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
33/34
M45PE10
REVISION HISTORY
Table 17. Document Revision History
Date
Version
Description of Revision
29-Apr-2003
1.0
Document written
04-Jun-2003
1.1
Description corrected of entering Hardware Protected mode (W must be driven, and
cannot be left unconnected).
04-Dec-2003
1.2
VIO(min) extended to –0.6V, tPW(typ) and tPP(typ) improved. Table of contents, warning
about exposed paddle on MLP8, and Pb-free options added. Change of naming for
VDFPN8 package.
25-Jun-2004
1.3
Soldering temperature information clarified for RoHS compliant devices. Device Grade
clarified.
22-Sep-2004
2.0
Document promoted to Preliminary Data. Minor wording changes
08-Oct-2004
3.0
Document promoted to Mature Datasheet. No other changes
4-Oct-2005
4.0
Added AC Characteristics (33MHz operation). An Easy Way to Modify Data, A Fast
Way to Modify Data, Page Write (PW) and Page Program (PP) sections updated to
explain optimal use of Page Write and Page Program instructions. Updated ICC3
values in Table 11., DC Characteristics. Updated Table 16., Ordering Information
Scheme. Added Ecopack® information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com