Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT70ZB6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58WR032FT70ZB6
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT70ZB6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58WR032FT70ZB6 Datasheet HTML 16Page - STMicroelectronics M58WR032FT70ZB6 Datasheet HTML 17Page - STMicroelectronics M58WR032FT70ZB6 Datasheet HTML 18Page - STMicroelectronics M58WR032FT70ZB6 Datasheet HTML 19Page - STMicroelectronics M58WR032FT70ZB6 Datasheet HTML 20Page - STMicroelectronics M58WR032FT70ZB6 Datasheet HTML 21Page - STMicroelectronics M58WR032FT70ZB6 Datasheet HTML 22Page - STMicroelectronics M58WR032FT70ZB6 Datasheet HTML 23Page - STMicroelectronics M58WR032FT70ZB6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
M58WR032FT, M58WR032FB
20/86
■
The fourth bus cycle latches the Address and
the Data of the third word to be written.
■
The fifth bus cycle latches the Address and the
Data of the fourth word to be written and starts
the Program/Erase Controller.
Read operations to the bank being programmed
output the Status Register content after the pro-
gramming has started.
Programming aborts if Reset goes to VIL. As data
integrity cannot be guaranteed when the program
operation is aborted, the memory locations must
be reprogrammed.
During Quadruple Word Program operations the
bank being programmed will only accept the Read
Array, Read Status Register, Read Electronic Sig-
nature and Read CFI Query command, all other
commands will be ignored.
Dual operations are not supported during Quadru-
ple Word Program operations and the command
cannot be suspended. Typical Program times are
given in Table 14., Program/Erase Times and En-
durance Cycles.
See APPENDIX C., Figure 24., Quadruple Word
Program Flowchart and Pseudo Code, for the
flowchart for using the Quadruple Word Program
command.
Enhanced Factory Program Command
The Enhanced Factory Program command can be
used to program large streams of data within any
one block. It greatly reduces the total program-
ming time when a large number of Words are writ-
ten to a block at any one time.
Dual operations are not supported during the En-
hanced Factory Program operation and the com-
mand cannot be suspended.
For optimum performance the Enhanced Factory
Program commands should be limited to a maxi-
mum of 10 program/erase cycles per block. If this
limit is exceeded the internal algorithm will contin-
ue to work properly but some degradation in per-
formance is possible. Typical Program times are
given in Table 14.
The Enhanced Factory Program command has
four phases: the Setup Phase, the Program Phase
to program the data to the memory, the Verify
Phase to check that the data has been correctly
programmed and reprogram if necessary and the
Exit Phase. Refer to Table 7., Factory Program
Commands, and Figure 30., Enhanced Factory
Program Flowchart.
Setup Phase. The Enhanced Factory Program
command requires two Bus Write operations to ini-
tiate the command.
■
The first bus cycle sets up the Enhanced
Factory Program command.
■
The second bus cycle confirms the command.
The Status Register P/E.C. Bit SR7 should be
read to check that the P/E.C. is ready. After the
confirm command is issued, read operations
output the Status Register data. The read Status
Register command must not be issued as it will be
interpreted as data to program.
Program Phase. The Program Phase requires
n+1 cycles, where n is the number of Words (refer
to Table 7., Factory Program Commands, and Fig-
ure 30., Enhanced Factory Program Flowchart).
Three successive steps are required to issue and
execute the Program Phase of the command.
1.
Use one Bus Write operation to latch the Start
Address and the first Word to be programmed.
The Status Register Bank Write Status bit SR0
should be read to check that the P/E.C. is
ready for the next Word.
2.
Each subsequent Word to be programmed is
latched with a new Bus Write operation. The
address can either remain the Start Address,
in which case the P/E.C. increments the
address location or the address can be
incremented in which case the P/E.C. jumps to
the new address. If any address that is not in
the same block as the Start Address is given
with data FFFFh, the Program Phase
terminates and the Verify Phase begins. The
Status Register bit SR0 should be read
between each Bus Write cycle to check that
the P/E.C. is ready for the next Word.
3.
Finally, after all Words have been pro-
grammed, write one Bus Write operation with
data FFFFh to any address outside the block
containing the Start Address, to terminate the
programming phase. If the data is not FFFFh,
the command is ignored.
The memory is now set to enter the Verify Phase.
Verify Phase. The Verify Phase is similar to the
Program Phase in that all Words must be resent to
the memory for them to be checked against the
programmed data. The Program/Erase Controller
checks the stream of data with the data that was
programmed in the Program Phase and repro-
grams the memory location if necessary.
Three successive steps are required to execute
the Verify Phase of the command.
1.
Use one Bus Write operation to latch the Start
Address and the first Word, to be verified. The
Status Register bit SR0 should be read to
check that the Program/Erase Controller is
ready for the next Word.
2.
Each subsequent Word to be verified is
latched with a new Bus Write operation. The
Words must be written in the same order as in
the Program Phase. The address can remain
the Start Address or be incremented. If any
address that is not in the same block as the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com