Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB21H-R15164 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB21H-R15164
Description  KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0164 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB21H-R15164 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB21H-R15164 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB21H-R15164
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0164 H
Dimensions
L
26mm MAX
T
23mm MAX
H
15.5mm MAX
LL
3.5mm +/-0.5mm
S
15mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 360
Weight: 14 g
General Information
Series: SSHB21H
Style: Through-Hole
RoHS: Yes
Notes: Marking: R15 Lot No.
Miscellaneous: Temperature Rise Maximum: 70
K
Specifications
Voltage AC: 250 VAC
Inductance: 16.4 mH (10 kHz)
Current: 1.5 A
Temperature Range: -25/+120C
DC Resistance: 310 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/02/2019 - 93434542-e853-4b2a-8e4a-b54a066d6990


Similar Part No. - SSHB21H-R15164

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21H-R10377 KEMET-SSHB21H-R10377 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0377 H
SSHB21H-R12296 KEMET-SSHB21H-R12296 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0296 H
SSHB21H-R18112 KEMET-SSHB21H-R18112 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0112 H
More results

Similar Description - SSHB21H-R15164

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSR21NHS-M15164 KEMET-SSR21NHS-M15164 Datasheet
107Kb / 1P
KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0164 H
SSHB21H-06400 KEMET-SSHB21H-06400 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.04 H
SSHB21H-07340 KEMET-SSHB21H-07340 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.034 H
SSHB21H-08262 KEMET-SSHB21H-08262 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0262 H
SSHB21H-10184 KEMET-SSHB21H-10184 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0184 H
SSHB21H-12145 KEMET-SSHB21H-12145 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0145 H
SSHB21H-15080 KEMET-SSHB21H-15080 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 8000 uH
SSHB21H-R30050 KEMET-SSHB21H-R30050 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 5000 uH
SSR21NV-M18164 KEMET-SSR21NV-M18164 Datasheet
103Kb / 1P
KEMET, SSR21NV-M/NH-M, AC Line Filters, Common Mode, 0.0164 H
SSR21NVS-M15164 KEMET-SSR21NVS-M15164 Datasheet
104Kb / 1P
KEMET, SSR21NVS-M/NHS-M, AC Line Filters, Common Mode, 0.0164 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com