Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB21H-R30050 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB21H-R30050
Description  KEMET, SSHB21H, AC Line Filters, Dual Mode, 5000 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB21H-R30050 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB21H-R30050 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB21H-R30050
KEMET, SSHB21H, AC Line Filters, Dual Mode, 5000 uH
Dimensions
L
26mm MAX
T
23mm MAX
H
15.5mm MAX
LL
3.5mm +/-0.5mm
S
15mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 360
Weight: 14 g
General Information
Series: SSHB21H
Style: Through-Hole
RoHS: Yes
Notes: Marking: R30 Lot No.
Miscellaneous: Temperature Rise Maximum: 65
K
Specifications
Voltage AC: 250 VAC
Inductance: 5 mH (10 kHz)
Current: 3 A
Temperature Range: -25/+120C
DC Resistance: 80 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/02/2019 - 528a195b-1a75-44a3-a14b-c6bde7e11c0b


Similar Part No. - SSHB21H-R30050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21H-R031580 KEMET-SSHB21H-R031580 Datasheet
103Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.158 H
SSHB21H-R041250 KEMET-SSHB21H-R041250 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.125 H
SSHB21H-R051100 KEMET-SSHB21H-R051100 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.11 H
SSHB21H-R06825 KEMET-SSHB21H-R06825 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0825 H
SSHB21H-R07700 KEMET-SSHB21H-R07700 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.07 H
More results

Similar Description - SSHB21H-R30050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21H-06400 KEMET-SSHB21H-06400 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.04 H
SSHB21H-07340 KEMET-SSHB21H-07340 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.034 H
SSHB21H-08262 KEMET-SSHB21H-08262 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0262 H
SSHB21H-10184 KEMET-SSHB21H-10184 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0184 H
SSHB21H-12145 KEMET-SSHB21H-12145 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0145 H
SSHB21H-15080 KEMET-SSHB21H-15080 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 8000 uH
SSHB21H-R15164 KEMET-SSHB21H-R15164 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0164 H
SC-10-500 KEMET-SC-10-500 Datasheet
77Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 5000 uH
SCR38-150-1R7A050JH KEMET-SCR38-150-1R7A050JH Datasheet
126Kb / 1P
KEMET, SCR38, AC Line Filters, Common Mode, 5000 uH
SS11VL-11050 KEMET-SS11VL-11050 Datasheet
79Kb / 1P
KEMET, SS11VL, AC Line Filters, Common Mode, 5000 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com