Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR6AM Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # BCR6AM
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR6AM Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  BCR6AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR6AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR6AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR6AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR6AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR6AM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR6AM
APPLICATION
Contactless AC switches, light drimmer, electric flasher unit,
control of household equipment such as TV sets · stereo · washing machine · infrared kotatsu · carpet ·
electric fan,
solenoid drivers, small motor control, copying machine,
other general purpose control applications
•IT (RMS) ........................................................................ 6A
•VDRM ..............................................................400V/600V
•IFGT !, IRGT !, IRGT # ......................... 30mA (20mA) V5
Symbol
VDRM
VDSM
Parameter
Repetitive peak off-state voltage
V1
Non-repetitive peak off-state voltage V1
Voltage class
Unit
V
V
MAXIMUM RATINGS
8
400
500
12
600
720
Symbol
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
Parameter
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine full wave 360
° conduction, Tc=103°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Unit
A
A
A2s
W
W
V
A
°C
°C
g
Ratings
6
60
15
5
0.5
10
2
–40 ~ +120
–40 ~ +125
2.0
V1. Gate open.
TYPE
NAME
VOLTAGE
CLASS
10.5 MAX
4.5
2.5
2.5
0.8
1.0
φ3.6±0.2
1.3
0.5
2.6
23
1
4
∗
24
1
3
1
2
3
4
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
T2 TERMINAL
∗ Measurement point of
case temperature
OUTLINE DRAWING
Dimensions
in mm
TO-220


Similar Part No. - BCR6AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
BCR6AM-12 POWEREX-BCR6AM-12 Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
BCR6AM-12L POWEREX-BCR6AM-12L Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR6AM-12LA RENESAS-BCR6AM-12LA Datasheet
114Kb / 7P
Triac Medium Power Use
BCR6AM-12LA-A8 RENESAS-BCR6AM-12LA-A8 Datasheet
114Kb / 7P
Triac Medium Power Use
More results

Similar Description - BCR6AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR10CM MITSUBISHI-BCR10CM Datasheet
94Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR12CM MITSUBISHI-BCR12CM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR16CS MITSUBISHI-BCR16CS Datasheet
85Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5AM MITSUBISHI-BCR5AM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5AS MITSUBISHI-BCR5AS Datasheet
87Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR10CS POWEREX-BCR10CS Datasheet
86Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR16CS POWEREX-BCR16CS Datasheet
85Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8CS POWEREX-BCR8CS Datasheet
86Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR16CM RENESAS-BCR16CM_15 Datasheet
214Kb / 14P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com