Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB21HS-R15130 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB21HS-R15130
Description  KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.013 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB21HS-R15130 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB21HS-R15130 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB21HS-R15130
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.013 H
Dimensions
L
26mm MAX
T
23mm MAX
H
15.5mm MAX
LL
3.5mm +/-0.5mm
S
15mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 360
Weight: 14 g
General Information
Series: SSHB21HS
Style: Through-Hole
RoHS: Yes
Notes: Marking: R15 Lot No.
Miscellaneous: Temperature Rise Maximum: 65
K
Specifications
Voltage AC: 250 VAC
Inductance: 13 mH (10 kHz)
Current: 1.5 A
Temperature Range: -25/+120C
DC Resistance: 280 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/02/2019 - 026ee2ce-369f-4ab9-8fbf-97bdc3d58dc9


Similar Part No. - SSHB21HS-R15130

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21HS-R10300 KEMET-SSHB21HS-R10300 Datasheet
102Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.03 H
SSHB21HS-R12220 KEMET-SSHB21HS-R12220 Datasheet
102Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.022 H
SSHB21HS-R18095 KEMET-SSHB21HS-R18095 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 9500 uH
More results

Similar Description - SSHB21HS-R15130

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21H-06400 KEMET-SSHB21H-06400 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.04 H
SSHB21H-07340 KEMET-SSHB21H-07340 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.034 H
SSHB21H-08262 KEMET-SSHB21H-08262 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0262 H
SSHB21H-12145 KEMET-SSHB21H-12145 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0145 H
SSHB21HS-08200 KEMET-SSHB21HS-08200 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.02 H
SSHB21HS-R05910 KEMET-SSHB21HS-R05910 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.091 H
SSHB21HS-R18095 KEMET-SSHB21HS-R18095 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 9500 uH
SSHB21HS-R30028 KEMET-SSHB21HS-R30028 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 2800 uH
SCF-02-1300 KEMET-SCF-02-1300 Datasheet
77Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.013 H
SCF-02-130JV KEMET-SCF-02-130JV Datasheet
78Kb / 1P
KEMET, SCF-J/JH, AC Line Filters, Common Mode, 0.013 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com