Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB21HS-R18095 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB21HS-R18095
Description  KEMET, SSHB21HS, AC Line Filters, Dual Mode, 9500 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB21HS-R18095 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB21HS-R18095 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB21HS-R18095
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 9500 uH
Dimensions
L
26mm MAX
T
23mm MAX
H
15.5mm MAX
LL
3.5mm +/-0.5mm
S
15mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 360
Weight: 14 g
General Information
Series: SSHB21HS
Style: Through-Hole
RoHS: Yes
Notes: Marking: R18 Lot No.
Miscellaneous: Temperature Rise Maximum: 65
K
Specifications
Voltage AC: 250 VAC
Inductance: 9.5 mH (10 kHz)
Current: 1.8 A
Temperature Range: -25/+120C
DC Resistance: 200 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/02/2019 - e53ce8cf-b337-461e-b744-264c144d2233


Similar Part No. - SSHB21HS-R18095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21HS-R10300 KEMET-SSHB21HS-R10300 Datasheet
102Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.03 H
SSHB21HS-R12220 KEMET-SSHB21HS-R12220 Datasheet
102Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.022 H
SSHB21HS-R15130 KEMET-SSHB21HS-R15130 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.013 H
More results

Similar Description - SSHB21HS-R18095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21H-15080 KEMET-SSHB21H-15080 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 8000 uH
SSHB21H-R30050 KEMET-SSHB21H-R30050 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 5000 uH
SSHB21HS-08200 KEMET-SSHB21HS-08200 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.02 H
SSHB21HS-R05910 KEMET-SSHB21HS-R05910 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.091 H
SSHB21HS-R15130 KEMET-SSHB21HS-R15130 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.013 H
SSHB21HS-R30028 KEMET-SSHB21HS-R30028 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 2800 uH
SCF-03-650 KEMET-SCF-03-650 Datasheet
77Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 6500 uH
SC-02-E50JKH KEMET-SC-02-E50JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
SC-04-200 KEMET-SC-04-200 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-10-340 KEMET-SC-10-340 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 3400 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com