Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB21HS-R30028 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB21HS-R30028
Description  KEMET, SSHB21HS, AC Line Filters, Dual Mode, 2800 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB21HS-R30028 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB21HS-R30028 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB21HS-R30028
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 2800 uH
Dimensions
L
26mm MAX
T
23mm MAX
H
15.5mm MAX
LL
3.5mm +/-0.5mm
S
15mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 360
Weight: 14 g
General Information
Series: SSHB21HS
Style: Through-Hole
RoHS: Yes
Notes: Marking: R30 Lot No.
Miscellaneous: Temperature Rise Maximum: 45
K
Specifications
Voltage AC: 250 VAC
Inductance: 2.8 mH (10 kHz)
Current: 3 A
Temperature Range: -25/+120C
DC Resistance: 60 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/02/2019 - 7de57787-485a-4b79-952c-e74f3da82498


Similar Part No. - SSHB21HS-R30028

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21HS-R031350 KEMET-SSHB21HS-R031350 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.135 H
SSHB21HS-R041050 KEMET-SSHB21HS-R041050 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.105 H
SSHB21HS-R05910 KEMET-SSHB21HS-R05910 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.091 H
SSHB21HS-R06780 KEMET-SSHB21HS-R06780 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.078 H
SSHB21HS-R07550 KEMET-SSHB21HS-R07550 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.055 H
More results

Similar Description - SSHB21HS-R30028

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21H-15080 KEMET-SSHB21H-15080 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 8000 uH
SSHB21H-R30050 KEMET-SSHB21H-R30050 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 5000 uH
SSHB21HS-08200 KEMET-SSHB21HS-08200 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.02 H
SSHB21HS-R05910 KEMET-SSHB21HS-R05910 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.091 H
SSHB21HS-R15130 KEMET-SSHB21HS-R15130 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.013 H
SSHB21HS-R18095 KEMET-SSHB21HS-R18095 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 9500 uH
SCF-03-650 KEMET-SCF-03-650 Datasheet
77Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 6500 uH
SCF47-400-S1R7C028JH KEMET-SCF47-400-S1R7C028JH Datasheet
144Kb / 1P
KEMET, SCF Three Phase, AC Line Filters, Common Mode, 2800 uH
SC-02-E50JKH KEMET-SC-02-E50JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
SC-03-28J KEMET-SC-03-28J Datasheet
92Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 2800 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com