Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032F-ZB Datasheet(PDF) 50 Page - STMicroelectronics

Part # M58WR032F-ZB
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032F-ZB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M58WR032F-ZB Datasheet HTML 46Page - STMicroelectronics M58WR032F-ZB Datasheet HTML 47Page - STMicroelectronics M58WR032F-ZB Datasheet HTML 48Page - STMicroelectronics M58WR032F-ZB Datasheet HTML 49Page - STMicroelectronics M58WR032F-ZB Datasheet HTML 50Page - STMicroelectronics M58WR032F-ZB Datasheet HTML 51Page - STMicroelectronics M58WR032F-ZB Datasheet HTML 52Page - STMicroelectronics M58WR032F-ZB Datasheet HTML 53Page - STMicroelectronics M58WR032F-ZB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
M58WR032FT, M58WR032FB
50/86
Table 22. Write AC Characteristics, Write Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. tWHEL has the values shown when reading in the targeted bank. System designers should take this into account and may insert a
software No-Op instruction to delay the first read in the same bank after issuing a command. If it is a Read Array operation in a
different bank tWHEL is 0ns.
3. Meaningful only if L is always kept low.
Symbol
Alt
Parameter
M58WR032FT/B
Unit
60
70
80
tAVAV
tWC
Address Valid to Next Address Valid
Min
60
70
80
ns
tAVLH
Address Valid to Latch Enable High
Min
7
9
9
ns
tAVWH
(3)
Address Valid to Write Enable High
Min
40
45
50
ns
tDVWH
tDS
Data Valid to Write Enable High
Min
40
45
50
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
10
10
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
0
0
ns
tELQV
Chip Enable Low to Output Valid
Min
60
70
80
ns
tELKV
Chip Enable Low to Clock Valid
Min
7
9
9
ns
tGHWL
Output Enable High to Write Enable Low
Min
14
17
17
ns
tLHAX
Latch Enable High to Address Transition
Min
7
9
9
ns
tLLLH
Latch Enable Pulse Width
Min
7
9
9
ns
tWHAV
(3)
Write Enable High to Address Valid
Min
0
0
0
ns
tWHAX
(3)
tAH
Write Enable High to Address Transition
Min
0
0
0
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
0
0
ns
tWHEL
(2)
Write Enable High to Chip Enable Low
Min
20
25
25
ns
tWHGL
Write Enable High to Output Enable Low
Min
0
0
0
ns
tWHLL
Write Enable High to Latch Enable Low
Min
0
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
Min
20
25
25
ns
tWHQV
Write Enable High to Output Valid
Min
80
95
105
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
40
45
50
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
000
ns
tQVWPL
Output (Status Register) Valid to Write Protect
Low
Min
000
ns
tVPHWH
tVPS
VPP High to Write Enable High
Min
200
200
200
ns
tWHVPL
Write Enable High to VPP Low
Min
200
200
200
ns
tWHWPL
Write Enable High to Write Protect Low
Min
200
200
200
ns
tWPHWH
Write Protect High to Write Enable High
Min
200
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com