Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324L-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM324L-P14-R
Description  QUAD OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM324L-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM324L-P14-R Datasheet HTML 1Page - Unisonic Technologies LM324L-P14-R Datasheet HTML 2Page - Unisonic Technologies LM324L-P14-R Datasheet HTML 3Page - Unisonic Technologies LM324L-P14-R Datasheet HTML 4Page - Unisonic Technologies LM324L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM324
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R105-006.N
T Y PI CAL CH ARACT ERI ST I CS
05
10
15
5
0
10
15
Input Voltage Range
Supply Voltage (± V)
Positive
Negative
-50
-25
0
25
50
75
100
0
20
40
60
80
100
VCC=+15V
VCC=+5V
VCC=+30V
Input Current
Temperature (°C)
0
10
203040
0
1
2
3
40
VCC
IC
TA=0~+85°C
TA=-40°C
Supply Current
Supply Voltage
(V)
0
7.5
15
22.5
30
0
40
80
120
160
Voltage Gain
Supply Voltage (V)
RL=20kΩ
RL=2kΩ
Open Loop Frequency response
0
20
40
60
80
120
100
10
01
10
2
10
3
10
4
10
5
10
6
10
7
10
Frequency (Hz)
VCC=30V
VCC=15V
0.1µF
100M
Ω
VCC
VIN
VCC/2
2
10
3
10
4
10
5
10
6
10
0
20
40
60
80
100
120
Common-Mode Rejection Ratio
Frequency (Hz)
100k
Ω -7.5V
100
Ω
100
Ω
100k
Ω
+7.5V
VIN
VCC=+7.5V
VEE=-7.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com