Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL084L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL084L-P14-R
Description  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL084L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL084L-P14-R Datasheet HTML 1Page - Unisonic Technologies TL084L-P14-R Datasheet HTML 2Page - Unisonic Technologies TL084L-P14-R Datasheet HTML 3Page - Unisonic Technologies TL084L-P14-R Datasheet HTML 4Page - Unisonic Technologies TL084L-P14-R Datasheet HTML 5Page - Unisonic Technologies TL084L-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
TL084
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R105-035.D
LOW N OI SE QU AD J -FET
OPERAT I ON AL AM PLI FI ER
DESCRI PT I ON
The UTC TL084 is a high speed J-FET input quad operational
amplifier. It incorporates well matched, high voltage J-FET and
bipolar transistors on a monolithic integrated circuit. The device
features high slew rates, low input bias and offset current, and
low offset voltage temperature coefficient.
FEAT U RES
*Low Power Consumption
*Wide Common-Mode (Up To Vcc+) and Differential Voltage Range
*Low Input Bias and Offset Current
*Low Noise eN = 15
(typ.)
*Output Short-Circuit Protection
*High Input Impedance J-FET Input Stage
*Low Harmonic Distortion: 0.01% (typ.)
*Internal Frequency Compensation
*Latch up Free Operation
DIP-14
SOP-14
TSSOP-14
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
TL084L-D14-T
TL084G-D14-T
DIP-14
Tube
TL084L-P14-R
TL084G-P14-R
TSSOP-14
Tape Reel
TL084L-S14-R
TL084G-S14-R
SOP-14
Tape Reel
TL084G-D14-T
(1)Packing Type
(2)Package Type
(3)Green Package
(1) T: Tube, R: Tape Reel
(2) D14: DIP-14, S14: SOP-14, P14: TSSOP-14
(3) G: Halogen Free and Lead Free, L: Lead Free
M ARK I N G
DIP-14
SOP-14 / TSSOP-14


Similar Part No. - TL084L-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL084L-P14-R UTC-TL084L-P14-R Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084L-P14-R UTC-TL084L-P14-R Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results

Similar Description - TL084L-P14-R

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Unisonic Technologies
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_10 Datasheet
396Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com