Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUF503C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF503C
Description  Surface Mount Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF503C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SUF503C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF503C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SUF501C~SUF505C
5A, 50V ~ 600V
Surface Mount Super Fast Recovery Rectifiers
16-Jun-2016 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
APPLICATIONS
Rectifier
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Part Number
Parameter
Symbol
SUF501C
SUF502C
SUF503C
SUF504C
SUF505C
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum Average Forward Current@60Hz
half sine wave, resistance load, TA=50°C
IF
5
A
Maximum Non-Repetitive Peak Forward Surge
Current@ 60Hz half sine-wave, 1 cycle,
TA=25°C
IFSM
150
A
Peak Forward Voltage@ IFM=5A, TA=25°C
2
VFM
0.95
1.3
1.7
V
TA=25°C
10
Peak Reverse Current@
VRM= VRRM
2
TA=125°C
IRRM
500
µA
Reverse Recovery Time
1,2
TRR
35
nS
Typical Thermal Resistance from Junction
to Lead
2
RθJL
15
°C/W
Typical Thermal Resistance from Junction
to Ambient
2
RθJA
50
°C/W
Operating Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
Notes:
1.
Reverse Recovery Time test condition:IF=0.5A, IR=1A, IRR=0.25A, TA=25°C
2.
RθJL and RθJA is measured when the device is mounted on a P.C.B. with a 0.3’’ × 0.3’’ (8mm × 8mm) copper pad areas.
SMC
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.750
3.270
E
-
0.203
B
6.520
7.110
F
7.640
8.130
C
5.50
6.220
G
0.750
1.520
D
1.980
2.620
H
0.23 TYP


Similar Part No. - SUF503C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF503C SECOS-SUF503C Datasheet
377Kb / 2P
5.0AMP Surface Mount Super Fast Recovery Rectifiers
More results

Similar Description - SUF503C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SFM11 WEITRON-SFM11 Datasheet
210Kb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
Frontier Electronics.
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B Datasheet
193Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
MASF2A JUXING-MASF2A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF1A JUXING-MASF1A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
MASF0.5A JUXING-MASF0.5A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Rectifiers
logo
Bruckewell Technology L...
SUF501_5C BWTECH-SUF501_5C Datasheet
372Kb / 4P
5.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B_15 Datasheet
193Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
SUF301C SECOS-SUF301C_16 Datasheet
213Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Shanghai Leiditech Elec...
BYV26C LEIDITECH-BYV26C Datasheet
623Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com