Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3MFS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RS3MFS
Description  3A, 1000V Low Profile Surface Mount Fast Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS3MFS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RS3MFS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS3MFS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd RS3MFS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd RS3MFS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd RS3MFS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RS3MFS
Taiwan Semiconductor
1
Version:A1703
3A, 1000V Low Profile Surface Mount Fast Recovery Rectifier
FEATURES
● Glass passivated chip junction
● Ideal for automated placement
● Fast switching for high efficiency
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● TV
● Monitor
MECHANICAL DATA
● Case: SOD-128
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix “H” means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.06 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
3
A
VRRM
1000
V
IFSM
80
A
TJ MAX
150
°C
Package
SOD-128
Configuration
Single Die
SOD-128
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
RS3MFS
UNIT
Marking code on the device
RS3MFS
Repetitive peak reverse voltage
VRRM
1000
V
Reverse voltage, total rms value
VR(RMS)
700
V
Forward current
IF(AV)
3
A
Surge peak forward current, 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
80
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - RS3MFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS3MF ETC2-RS3MF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
RS3MF CHENDA-RS3MF Datasheet
683Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS3MF YFWDIODE-RS3MF Datasheet
129Kb / 3P
Surface MountFast Recovery Rectifiers
logo
SUNMATE electronic Co.,...
RS3MF SUNMATE-RS3MF Datasheet
547Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
RS3MF YFWDIODE-RS3MF Datasheet
420Kb / 3P
Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS3MFS

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MURS305 FRONTIER-MURS305 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS305-LFR FRONTIER-MURS305-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS3A FRONTIER-SFS3A Datasheet
131Kb / 2P
3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS3A-LFR FRONTIER-SFS3A-LFR Datasheet
131Kb / 2P
3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A FRONTIER-US3A Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A-LFR FRONTIER-US3A-LFR Datasheet
130Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
RS1AFL TSC-RS1AFL Datasheet
318Kb / 6P
1A, 50V - 1000V Surface Mount Fast Recovery Rectifier
RS1DFS TSC-RS1DFS Datasheet
317Kb / 5P
1A, 200V - 1000V Surface Mount Fast Recovery Rectifier
RS3A-K TSC-RS3A-K Datasheet
315Kb / 6P
3A, 50V - 1000V Surface Mount Fast Recovery Rectifier
logo
T&S Brass. All Rights R...
S3AH TS-S3AH Datasheet
577Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com