Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1KLS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1KLS
Description  1.2A, 200V - 1000V Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1KLS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1KLS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1KLS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1KLS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1KLS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S1KLS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd S1KLS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S1DLS - S1MLS
Taiwan Semiconductor
1
Version:F1707
1.2A, 200V - 1000V Surface Mount Rectifier
FEATURES
● Ideal for automated placement
● Compact package size
● High surge current capability
● Low power loss, high efficiency
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● Converter
MECHANICAL DATA
● Case: SOD-123HE
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix "H" means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Moisture sensitivity level: level 1, per J-STD-020
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.022g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
1.2
A
VRRM
200 - 1000
V
IFSM
50
A
TJ MAX
175
°C
Package
SOD-123HE
Configuration
Single die
SOD-123HE
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
S1DLS S1GLS S1JLS S1KLS S1MLS UNIT
Marking code on the device
1DLS
1GLS
1JLS
1KLS
1MLS
Repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Forward current
IF(AV)
1.2
A
Surge peak forward current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
50
A
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - S1KLS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1KLS TSC-S1KLS Datasheet
225Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
logo
Taiwan Memory Technolog...
S1KLS TMT-S1KLS Datasheet
193Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1KLSH TSC-S1KLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
More results

Similar Description - S1KLS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1DFS TSC-S1DFS Datasheet
314Kb / 5P
1A, 200V - 1000V Surface Mount Rectifier
SDLW TSC-SDLW Datasheet
290Kb / 5P
0.8A, 200V - 1000V Surface Mount Rectifier
S3DB-K TSC-S3DB-K Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S2D-T TS-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DLSH TS-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2D-T TSC-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TSC-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DLSH TSC-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com