Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2JF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # S2JF
Description  2A, 600V - 1000V Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2JF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S2JF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2JF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S2JF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S2JF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note 2: Whole series with green compound
(TA=25°C unless otherwise noted)
Version: A1511
S2JF - S2MF
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
ORDERING INFORMATION
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
PACKING CODE
SUFFIX
SMAF
3,000 / 7" Plastic reel
S2JF R3G
S2JF
R3
G
Green compound
Note 1: "x" defines voltage from 600V (S2JF) to 1000V (S2MF)
EXAMPLE
EXAMPLE P/N
PART NO.
PACKING CODE
R2
SMAF
10,000 / 13" Paper reel
S2xF
(Note 1, 2)
R3
DESCRIPTION
G
0
0.5
1
1.5
2
2.5
0
255075
100
125
150
LEAD TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms single half sine wave
0.001
0.01
0.1
1
10
100
0
2040
6080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse width=300μs
1% duty cycle
TJ=25°C
TJ=125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com