Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F72 Datasheet(PDF) 2 Page - AVX Corporation

Part # F72
Description  Low Profile and HiCV Conformal Coated Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F72 Datasheet(HTML) 2 Page - AVX Corporation

  F72 Datasheet HTML 1Page - AVX Corporation F72 Datasheet HTML 2Page - AVX Corporation F72 Datasheet HTML 3Page - AVX Corporation F72 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
051718
173
F72/F75 Series
Low Profile and HiCV Conformal Coated Chip
Capacitance
Rated Voltage
µF
Code
4V (0G)
6.3V (0J)
10V (1A)
16V (1C)
33
336
R
47
476
R
R
68
686
R
R
R
100
107
R
R
R
150
157
R
R
R
220
227
R
R
R
M
330
337
R
R
M
470
477
M
680
687
M
1000
108
M
M
1500
158
M
Capacitance
Rated Voltage
µF
Code
4V (0G)
6.3V (0J)
10V (1A)
16V (1C)
68
686
C
100
107
C
150
157
C
D
220
227
C
C/D
R
330
337
C
C/D
D
470
477
C/D
D/U
R/U
680
687
D
D/R
1000
108
D/R
R/U
1500
158
R
2200
228
R
M
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Released ratings
Please contact to your local AVX sales office when these series are being designed in your application.
F72
F75
RATINGS & PART NUMBER REFERENCE
Item
F72/F75 All Case (%)
Damp Heat
±10
Temperature cycles
±5
Resistance soldering heat
±5
Surge
±5
Endurance
±10
*1:
ΔC/C Marked “*”
Rated
DF
ESR
100kHz RMS
*1
AVX
Case Capacitance Voltage DCL @ 120Hz @ 100kHz Current
ΔC/C MSL
Part No.
Size
(μF)
(V)
(μA)
(%)
(Ω)
(mA)
(%)
20ºC
4 Volt
F720G107#RC
R
100
4
4.0
8
0.70
463
*
3
F720G157#RC
R
150
4
6.0
10
0.70
463
*
3
F720G227#RC
R
220
4
8.8
12
0.70
463
*
3
F720G337#RC
R
330
4
13.2
12
0.70
463
*
3
6.3 Volt
F720J686#RC
R
68
6.3
4.3
6
0.75
447
*
3
F720J107#RC
R
100
6.3
6.3
8
0.70
463
*
3
F720J157#RC
R
150
6.3
9.5
10
0.70
463
*
3
F720J227#RC
R
220
6.3
13.9
12
0.70
463
*
3
F720J337#RC
R
330
6.3
20.8
12
0.70
463
*
3
F720J108#MCAQ2
M
1000
6.3
63.0
30
0.14
1118
±15
3
F720J158#MCAQ2
M
1500
6.3
95.0
45
0.14
1118
±20
3
10 Volt
F721A476#RC
R
47
10
4.7
6
0.80
433
*
3
F721A686#RC
R
68
10
6.8
6
0.75
447
*
3
F721A107#RC
R
100
10
10.0
8
0.70
463
*
3
F721A157#RC
R
150
10
15.0
10
0.70
463
*
3
F721A227#RC
R
220
10
22.0
12
0.70
463
*
3
F721A477#MCAQ2 M
470
10
47.0
30
0.14
1118
±15
3
F721A687#MCAQ2 M
680
10
68.0
35
0.14
1118
±20
3
F721A108#MCAQ2 M
1000
10
200
45
0.14
1118
±20
3
16 Volt
F721C336#RC
R
33
16
5.3
6
0.90
408
*
3
F721C476#RC
R
47
16
7.5
6
0.80
433
*
3
F721C686#RC
R
68
16
10.9
6
0.75
447
*
3
F721C227#MCAQ2 M
220
16
35.2
12
0.20
935
±20
3
F721C337#MCAQ2 M
330
16
52.8
45
0.20
935
±20
3
F72
F75
#: "M" for ±20% tolerance, "K" for ± 10% tolerance.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
#: "M" for ±20% tolerance, "K" for ± 10% tolerance.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
Rated
DF
ESR
100kHz RMS
*1
AVX
Case Capacitance Voltage DCL @ 120Hz @ 100kHz Current
ΔC/C MSL
Part No.
Size
(μF)
(V)
(μA)
(%)
(Ω)
(mA)
(%)
20ºC
4 Volt
F750G337#CC
C
330
4
13.2
10
0.15
856
*
3
F750G477#CC
C
470
4
18.8
14
0.12
957
*
3
F750G477#DC
D
470
4
18.8
14
0.12
1118
*
3
F750G687#DC
D
680
4
27.2
18
0.12
1118
*
3
F750G108#DC
D
1000
4
40.0
24
0.12
1118
*
3
F750G108#RC
R
1000
4
40.0
24
0.12
1443
*
3
F750G158#RC
R
1500
4
60.0
30
0.12
1443
*
3
F750G228#RC
R
2200
4
88.0
45
0.07
1890
*
3
6.3 Volt
F750J227#CC
C
220
6.3
13.9
10
0.20
742
*
3
F750J337#CC
C
330
6.3
20.8
10
0.15
856
*
3
F750J337#DC
D
330
6.3
20.8
10
0.15
1000
*
3
F750J477#DC
D
470
6.3
29.6
14
0.12
1118
*
3
F750J477#UC
U
470
6.3
29.6
15
0.10
1049
*
3
F750J687#DC
D
680
6.3
42.8
18
0.12
1118
*
3
F750J687#RC
R
680
6.3
42.8
18
0.12
1443
*
3
F750J108#RC
R
1000
6.3
63.0
24
0.12
1443
*
3
F750J108#UCAQ2
U
1000
6.3
126
40
0.15
856
±20
3
F750J228#MCAQ2
M
2200
6.3
139
60
0.08
1581
±20
3
10 Volt
F751A157#CC
C
150
10
15.0
10
0.22
707
*
3
F751A227#CC
C
220
10
22.0
10
0.20
742
*
3
F751A227#DC
D
220
10
22.0
10
0.20
866
*
3
F751A337#DC
D
330
10
33.0
10
0.15
1000
*
3
F751A477#RC
R
470
10
47.0
14
0.12
1443
*
3
F751A477#UCAQ2
U
470
10
94.0
30
0.15
856
±20
3
16 Volt
F751C686#CC
C
68
16
10.9
10
0.22
707
*
3
F751C107#CC
C
100
16
16.0
10
0.22
707
*
3
F751C157#DC
D
150
16
24.0
10
0.22
826
*
3
F751C227#RC
R
220
16
35.2
10
0.20
1118
*
3
F72/F75 Series
Low Profile and HiCV Conformal Coated Chip



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com