Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1165HT Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1165HT
Description  Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1165HT Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1165HT Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1165HT Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1165HT Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1165HT Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1165HT Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUMI Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin MM1065 and 1165
Absolute Maximum Ratings
Electrical Characteristics
Item
Symbol
Ratings
Units
Operating temperature
TOPR
-20~+75
°C
Storage temperature
TSTG
-40~+125
°C
Power supply current
VCC max.
-0.3~10
V
Output current
IOUT
100
mA
Maximum Ratings
Pd
200 (MMP-4A)
mW
300 (TO-92A)
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
F
5.76
6.00
6.24
G
4.80
5.00
5.20
Output voltage
Vo
VIN=Vo+1V
H
4.32
4.50
4.68
V
Io=40mA
I
3.84
4.00
4.16
J
2.88
3.00
3.12
Z
3.17
3.30
3.43
No-load input current
Iccq1
VIN=Vo+1V, Io=0mA
13
20
µA
Minimum I/O voltage difference
Vd min.
VIN=Vo min., Io=40mA
0.2
0.3
V
Input fluctuation rate
V2
VIN=(Vo+1V)~10V, Io=40mA
±0.01
±0.1
%/V
Load fluctuation rate
V1
VIN=Vo+1V, Io=0~100mA
±0.01 ±0.03 %/mA
Output voltage temperature coefficient
Vo/T
Tj=-20~+75°C
±100
ppm/°C
Ripple rejection rate
RR
VRIPPLE=1V, VIN=Vo+2V
50
60
dB
f=120Hz, Io=40mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com