Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1507 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1507
Description  3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1507 Datasheet HTML 4Page - Diodes Incorporated AP1507 Datasheet HTML 5Page - Diodes Incorporated AP1507 Datasheet HTML 6Page - Diodes Incorporated AP1507 Datasheet HTML 7Page - Diodes Incorporated AP1507 Datasheet HTML 8Page - Diodes Incorporated AP1507 Datasheet HTML 9Page - Diodes Incorporated AP1507 Datasheet HTML 10Page - Diodes Incorporated AP1507 Datasheet HTML 11Page - Diodes Incorporated AP1507 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP1507
Typical Characteristics (continued)
-50 -30 -10 10
30 50
70 90
130
110
150
TEMPERATURE (°C)
Threshold Voltage vs. Temperature
1.7
1.6
1.5
0.9
0.8
1.1
1.3
1.4
1.0
1.2
V
= 12V
I = 100mA
CC
O
0
3
6
9
12
15
18
21
ON/OFF VOLTAGE (V)
ON/OFF Current vs. ON/OFF Voltage
10
0
-10
-90
-100
-60
-40
-30
-80
-50
-70
-20
V
= 12V
IN
-50 -30 -10 10
30 50
70 90
130
110
150
TEMPERATURE (°C)
Frequency vs. Temperature
170
165
160
145
140
150
155
V
= 12V
I = 500mA
V
= 5V
CC
O
OUT
-50 -30 -10 10
30 50
70 90
130
110
150
TEMPERATURE (°C)
Feedback Current vs. Temperature
10
0
-10
-40
-50
-30
-20
V
= 12V
V
= 5V
V
= 1.3V
CC
FB
OUT
-40 -2
0
20
40 60 80 100
140
120
160
TEMPERATURE (°C)
Output Voltage vs. Temperature
3.5
3.4
3.3
3.0
2.9
3.1
3.2
3.45
3.35
3.25
2.95
3.05
3.15
V
= 12V
I = 3A
IN
O
AP1507
Document number: DS31067 Rev. 4 - 2
16 of 12
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com