Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3409 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3409
Description  HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3409 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3409 Datasheet HTML 1Page - Diodes Incorporated AP3409 Datasheet HTML 2Page - Diodes Incorporated AP3409 Datasheet HTML 3Page - Diodes Incorporated AP3409 Datasheet HTML 4Page - Diodes Incorporated AP3409 Datasheet HTML 5Page - Diodes Incorporated AP3409 Datasheet HTML 6Page - Diodes Incorporated AP3409 Datasheet HTML 7Page - Diodes Incorporated AP3409 Datasheet HTML 8Page - Diodes Incorporated AP3409 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP3409/A
Document number: DS36789 Rev. 2 - 2
4 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP3409/A
A Product Line of
Diodes Incorporated
Functional Block Diagram (Cont.)
SD
Oscillator
SUM
CS
0.8V
EA
OCP
Control
Logic
OTP
UVLO
0.4V
SHDN/RT
PVDD
SW
GND
PGND
VDD
FB
COMP
1
2
10
3, 4
5
6
7
9
PWM
Clamp
SS
DC
8
PGOOD
VREF
0.725V
0.9V
Functional Block Diagram of AP3409A
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VDD
VDD Pin Voltage
-0.3 to 6
V
VPVDD
PVDD Pin Voltage
-0.3 to 6
V
VFB
FB Pin Voltage
-0.3 to 6
V
VCOMP
COMP Pin Voltage
-0.3 to 6
V
VSW
SW Pin Voltage
-0.3 to VIN+0.3
V
VRT
SHDN/RT Pin Voltage
-0.3 to 6
V
θJA
Thermal Resistance (Junction to Ambient)
110
ºC/W
θJC
Thermal Resistance (Junction to Case)
3
ºC/W
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10 sec)
+260
ºC
–
ESD (Machine Model)
200
V
–
ESD (Human Body Model)
2000
V
Note 5
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated u
nder “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com