Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3445 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3445
Description  STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3445 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3445 Datasheet HTML 1Page - Diodes Incorporated AP3445 Datasheet HTML 2Page - Diodes Incorporated AP3445 Datasheet HTML 3Page - Diodes Incorporated AP3445 Datasheet HTML 4Page - Diodes Incorporated AP3445 Datasheet HTML 5Page - Diodes Incorporated AP3445 Datasheet HTML 6Page - Diodes Incorporated AP3445 Datasheet HTML 7Page - Diodes Incorporated AP3445 Datasheet HTML 8Page - Diodes Incorporated AP3445 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP3445/L
Document number: DS39755 Rev. 1 - 2
2 of 13
www.diodes.com
March 2018
© Diodes Incorporated
AP3445/L
Typical Applications Circuit
R1
R2
VIN
EN
LX
FB
L1 2.2
mH
CIN
22
mF
VIN=2.7V to 5.5V
GND
COUT
22
mFx2
VOUT=1.8V
OFF
ON
C1
22pF
200k
Ω
100k
Ω
PG
Pin Descriptions
Pin Number
Pin Name
Function
1
EN
Enable control input. Force this pin voltage above 1.5V enables the chip, and below
0.4V shuts down the device.
2
GND
Ground pin
3
LX
The drains of the internal main and synchronous power MOSFET.
4
VIN
Bias supply. Chip main power supply pin
5
PG
Power good indicator, open drain output. PG is pulled up to VIN when the output
voltage is within 20% of the regulation level, otherwise it is low
6
FB
Feedback voltage to internal error amplifier, the threshold voltage is 0.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com