Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3441L Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3441L
Description  STEP-DOWN DC-DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3441L Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3441L Datasheet HTML 7Page - Diodes Incorporated AP3441L Datasheet HTML 8Page - Diodes Incorporated AP3441L Datasheet HTML 9Page - Diodes Incorporated AP3441L Datasheet HTML 10Page - Diodes Incorporated AP3441L Datasheet HTML 11Page - Diodes Incorporated AP3441L Datasheet HTML 12Page - Diodes Incorporated AP3441L Datasheet HTML 13Page - Diodes Incorporated AP3441L Datasheet HTML 14Page - Diodes Incorporated AP3441L Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP3441/L
Document number: DS39754 Rev. 1 - 2
13 of 15
www.diodes.com
March 2018
© Diodes Incorporated
AP3441/L
Taping & Reel Specification
8 mm
Package
Suffix
Tape Orientation
W-DFN2020-8 (Type
C)
-7B
EMBOSSED TAPE DIMENSIONS in mm
Tape Width
D
E
Po
t max
Ao Bo Ko
-
8mm
1.50
+0.10
–0.0
1.75
±0.10
4.0±0.10
0.400
Note 5
Constant Dimensions
EMBOSSED TAPE DIMENSIONS in mm
Tape Width
B1
max
D1 min
F
K max
P2
R min
W
8mm
4.5
1.0
3.5±0.05
2.4
2.0±0.05
25
8.0±0.30
Note:
5. Ao, Bo and Ko are determined by component size.
See Note 5
See Note 5
See Note 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com