Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR346 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # APR346
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR346 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button APR346 Datasheet HTML 3Page - Diodes Incorporated APR346 Datasheet HTML 4Page - Diodes Incorporated APR346 Datasheet HTML 5Page - Diodes Incorporated APR346 Datasheet HTML 6Page - Diodes Incorporated APR346 Datasheet HTML 7Page - Diodes Incorporated APR346 Datasheet HTML 8Page - Diodes Incorporated APR346 Datasheet HTML 9Page - Diodes Incorporated APR346 Datasheet HTML 10Page - Diodes Incorporated APR346 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
APR346
Document number: DS38999 Rev. 6 - 2
8 of 11
www.diodes.com
May 2018
© Diodes Incorporated
APR346
Synchronous Rectification Principle Description (Cont.)
Recommended Application Circuit Parameters
CAREF is suggested to parallel with AREF resistor to keep the volt-second product threshold stable. And the recommended value of CAREF is 20nF.
The recommended value of C24 is 100nF.
Ordering Information
Packing
Package
Product Name
TR : Tape & Reel
K6 : SOT26
APR346 X X – X
RoHS/Green
G1 : RoHS Compliant
and Green
Package
Temperature Range
Part Number
Marking ID
Packing
SOT26
-40°C to +85°C
APR346K6TR-G1
GUC
3000/Tape & Reel
Marking Information
(1) SOT26
1
2
3
6
4
GUC Y W X
GUC : Marking ID
Y : Year 0~9
X : Internal Code
( Top View )
5
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com