Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321L-AE5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM321L-AE5-R
Description  LOW POWER SINGLE OP AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM321L-AE5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM321L-AE5-R Datasheet HTML 1Page - Unisonic Technologies LM321L-AE5-R Datasheet HTML 2Page - Unisonic Technologies LM321L-AE5-R Datasheet HTML 3Page - Unisonic Technologies LM321L-AE5-R Datasheet HTML 4Page - Unisonic Technologies LM321L-AE5-R Datasheet HTML 5Page - Unisonic Technologies LM321L-AE5-R Datasheet HTML 6Page - Unisonic Technologies LM321L-AE5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM321
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R104-007.E
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (V
+ - V−)
VCC
32
V
Differential Input Voltage
VI(DIFF)
±Supply Voltage
V
Input Voltage
VIN
-0.3~+32
V
Input Current (VIN<−0.3V) (Note 2)
50
mA
Output Short Circuit to GND, V
+≤15V and
TA=25°C (Note 3)
Continuous
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to
the collector base junction of the input PNP transistors becoming forward biased and thereby acting as
input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on
the IC chip. This transistor action can cause the output voltages of the op amps to go to the V
+ voltage
level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not
destructive and normal output states will re-establish when the input voltage, which was negative, again
returns to a value greater than -0.36V (at 25°C).
3. Short circuits from the output V
+ can cause excessive heating and eventual destruction. When considering
short circuits to ground the maximum output current is approximately 40mA independent of the magnitude
of V
+. At values of supply voltage in excess of +15V, continuous short circuits can exceed the power
dissipation ratings and cause eventual destruction.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Temperature Range
TA
-40~85
°C
Supply Voltage
V
+
3~30
V
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
265
°С/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com