Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV2461L-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LV2461L-AF5-R
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2461L-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LV2461L-AF5-R Datasheet HTML 1Page - Unisonic Technologies LV2461L-AF5-R Datasheet HTML 2Page - Unisonic Technologies LV2461L-AF5-R Datasheet HTML 3Page - Unisonic Technologies LV2461L-AF5-R Datasheet HTML 4Page - Unisonic Technologies LV2461L-AF5-R Datasheet HTML 5Page - Unisonic Technologies LV2461L-AF5-R Datasheet HTML 6Page - Unisonic Technologies LV2461L-AF5-R Datasheet HTML 7Page - Unisonic Technologies LV2461L-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LV2460/2461
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R105-056.c
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 1)
VCC
6
V
Differential Input Voltage
VID
-0.2 ~ VCC+0.2
V
Output Current
IO
±175
mA
TA ≤ 25°C SOT-25
385
Power Dissipation
TA ≤ 25°C SOT-26
PD
425
mW
Operating Free-Air Temperature
TA
-40 ~ +125
°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-60 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values, except differential voltages, are with respect to GND.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-25
324
°C/W
Junction to Ambient
SOT-26
θJA
294
°C/W
SOT-25
55
°C/W
Junction to Case
SOT-26
θJC
55
°C/W
RECOMMENDED OPWRAING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Single supply
2.7 ~ 6
V
Supply Voltage
Split supply
VCC
±1.35 ~ ±3
V
Common-Mode Input Voltage
VICR
0 ~ VCC
V
Operating Free-Air Temperature
TA
-40 ~ +125
°C
VIH_MIN
2
V
Shutdown on/off voltage level (Note 1)
VIL_MAX
0.7
V
Note: Relative to voltage on the GND terminal of the device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com