Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2125G-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2125G-AL5-R
Description  SINGLE-SUPPLY OPERTIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2125G-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2125G-AL5-R Datasheet HTML 1Page - Unisonic Technologies M2125G-AL5-R Datasheet HTML 2Page - Unisonic Technologies M2125G-AL5-R Datasheet HTML 3Page - Unisonic Technologies M2125G-AL5-R Datasheet HTML 4Page - Unisonic Technologies M2125G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2125
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R105-025.H
SINGLE-SUPPLY OPERTIONAL
AMPLIFIER
DESCRIPTION
The UTC M2125 is a single-supply operational amplifier.
FEATURES
* Single-Supply Operation
* Low Operating Voltage: ±2.7V~20V
* Low Operating Current: 1.0mA (typ.)
* Slew Rate: 1.2V/μs (typ.)
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1234
5
Packing
M2125G-AF5-R
SOT-25
I
+
GI
-
O
V
+
Tape Reel
M2125G-AL5-R
SOT-353
I
+
GI
-
O
V
+
Tape Reel
Note: Pin Assignment: I: VIN O: Output G: GND
MARKING


Similar Part No. - M2125G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2125G-AL5-R UTC-M2125G-AL5-R Datasheet
233Kb / 5P
SINGLE-SUPPLY OPERTIONAL AMPLIFIER
More results

Similar Description - M2125G-AL5-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
logo
Toshiba Semiconductor
TA750649 TOSHIBA-TA750649 Datasheet
282Kb / 8P
QUAD OPERTIONAL AMPLIFIER
TA75071P TOSHIBA-TA75071P Datasheet
256Kb / 7P
SINGLE OPERTIONAL AMPLIFIER
TA75072P TOSHIBA-TA75072P Datasheet
290Kb / 8P
DUAL OPERTIONAL AMPLIFIER
TA75074P TOSHIBA-TA75074P Datasheet
258Kb / 7P
QUAD OPERTIONAL AMPLIFIER
logo
Unisonic Technologies
M2125 UTC-M2125 Datasheet
125Kb / 5P
SINGLE-SUPPLY OPERTIONAL AMPLIFIER
M2125 UTC-M2125_11 Datasheet
212Kb / 5P
SINGLE-SUPPLY OPERTIONAL AMPLIFIER
M2125 UTC-M2125_15 Datasheet
233Kb / 5P
SINGLE-SUPPLY OPERTIONAL AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com