Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33272L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC33272L-S08-R
Description  SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC33272L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC33272L-S08-R Datasheet HTML 1Page - Unisonic Technologies MC33272L-S08-R Datasheet HTML 2Page - Unisonic Technologies MC33272L-S08-R Datasheet HTML 3Page - Unisonic Technologies MC33272L-S08-R Datasheet HTML 4Page - Unisonic Technologies MC33272L-S08-R Datasheet HTML 5Page - Unisonic Technologies MC33272L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC33272
Preliminary
BIPOLAR IC
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R105-051.b
SINGLE SUPPLY, HIGH SLEW
RATE ,LOW INPUT OFFSET
VOLTAGE OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC MC33272 is a Bipolar dual operational amplifier with
high performance concepts. This amplifier
exhibits low input
voltage noise with high gain bandwidth product and slew rate. The
all NPN output stage exhibits no deadband crossover distortion,
large output voltage swing, excellent phase and gain margins, low
open loop high frequency output impedance and symmetrical
source and sink AC frequency performance.
FEATURES
SOP-8
* Single (or dual) supply operation from +3 V to +36V
(±1.5V~±18V)
* Large output voltage swing: +14.1V/-14.6V
* Input offset voltage trimmed to 100µV (Typ)
* Very low input bias current: 300nA
* Very low input offset current: 3.0nA
* High input resistance: 16MΩ
* High slew rate: 10V/µs
* High gain bandwidth product: 24MHz @ 100kHz
* Low total harmonic distortion: 0.003%
* Power supply drain current: 2.15mA per amplifier
* Low noise: 18nV / Hz @ 1.0kHz
■
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
MC33272L-S08-R
MC33272G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - MC33272L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33272 UTC-MC33272 Datasheet
165Kb / 6P
VOLTAGE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33272A ONSEMI-MC33272A Datasheet
317Kb / 16P
Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272A ONSEMI-MC33272A Datasheet
213Kb / 14P
Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272AD ONSEMI-MC33272AD Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
More results

Similar Description - MC33272L-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3472 TI-TL3472 Datasheet
68Kb / 5P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Texas Instruments
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com