Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV7012L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULV7012L-AF5-R
Description  LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV7012L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULV7012L-AF5-R Datasheet HTML 1Page - Unisonic Technologies ULV7012L-AF5-R Datasheet HTML 2Page - Unisonic Technologies ULV7012L-AF5-R Datasheet HTML 3Page - Unisonic Technologies ULV7012L-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ULV7012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R105-060.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6.5
V
Differential Input Voltage
VID
±6.5 (Note 2)
V
Common Mode Input Voltage
VIC
-0.3 ~ 6.5
V
Power Dissipation
PD
200
mW
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-55 ~ +125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. If the supply voltage (VDD) is less than 6.5V, the input voltage must not over the VDD level though 6.5V is
limit specified.
3. Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the
circuit.
ELECTRICAL CHARACTERISTICS (VDD=3.0V, RL=∞, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VIN=1/2VDD
10
mV
Input Offset Current
IIO
1
pA
Input Bias Current
IIB
1
pA
Input Impedance
RIN
1
TΩ
Large Signal Voltage Gain
AVD
60
70
dB
Input Common Mode Voltage Range
VICM
0~2.5
V
VOM1
RL=100kΩ
VDD-0.1
Maximum Output Swing Voltage
VOM2
RL=100kΩ
VSS+0.1
V
Common Mode Rejection Ratio
CMR
VIN=1/2VDD
55
65
dB
Supply Voltage Rejection Ratio
SVR
VDD=1.5~5.5V
60
70
dB
Operating Current
IDD
80
160
µA
Slew Rate
SR
1.5
V/µs
Unity Gain Bandwidth
Ft
AV=40dB, CL=10pF
1.2
MHz
Note: The source current is less than 29µA (at VOM/RL=2.9V/100kΩ).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com