Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2772G-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # ULV2772G-P08-R
Description  FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2772G-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  ULV2772G-P08-R Datasheet HTML 1Page - Unisonic Technologies ULV2772G-P08-R Datasheet HTML 2Page - Unisonic Technologies ULV2772G-P08-R Datasheet HTML 3Page - Unisonic Technologies ULV2772G-P08-R Datasheet HTML 4Page - Unisonic Technologies ULV2772G-P08-R Datasheet HTML 5Page - Unisonic Technologies ULV2772G-P08-R Datasheet HTML 6Page - Unisonic Technologies ULV2772G-P08-R Datasheet HTML 7Page - Unisonic Technologies ULV2772G-P08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ULV2772
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R105-053.b
OPERATING CHARACTERISTICS AT SPECIFIED FREE-AIR TEMPERATURE
VDD=2.7V (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
(Note 1)
MIN
TYP
MAX UNIT
25°C
5
9
Slew Rate At Unity Gain
SR
VO (PP)=0.8V, CL=100pF, RL=10kΩ
Full range
4.7
6
V/µs
f=1kHz
25°C
21
Equivalent Input Noise
Voltage
VN
f=10kHz
25°C
17
nV/√Hz
f=0.1Hz~1Hz
25°C
0.33
µV
Peak-to-peak Equivalent
Input Noise Voltage
VN (PP)
f=0.1Hz~10Hz
25°C
0.86
µV
Equivalent Input Noise
Current
IN
f=100Hz
25°C
0.6
fA/√Hz
AV=1
0.0085
AV=10
0.025
Total Harmonic Distortion
Plus Noise
THD+N RL=600Ω, f=1kHz
AV=100
25°C
0.12
%
Gain-bandwidth Product
f=10kHz, RL=600Ω, CL=100pF
25°C
4.8
MHz
0.1%
25°C
0.186
Settling Time
TS
AV=-1,
Step=0.85V~1.85V,
RL=600Ω,
CL=100pF
0.01%
25°C
3.92
µs
Phase Margin At Unity Gain
φm
25°C
46
Deg
Gain Margin
RL=600Ω, CL=100pF
25°C
12
dB
Note: Full range is -40°C ~ +125°C for Q level part.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com