Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV8542L-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULV8542L-SM1-R
Description  RAIL-TO-RAIL I/O CMOS DUAL AMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV8542L-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULV8542L-SM1-R Datasheet HTML 1Page - Unisonic Technologies ULV8542L-SM1-R Datasheet HTML 2Page - Unisonic Technologies ULV8542L-SM1-R Datasheet HTML 3Page - Unisonic Technologies ULV8542L-SM1-R Datasheet HTML 4Page - Unisonic Technologies ULV8542L-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULV8542
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R105-054.a
1.1MHz, 42µA RAIL-TO-RAIL
I/O CMOS DUAL AMPS
DESCRIPTION
The UTC ULV8542 is a low cost rail to rail input and output dual
OP AMP, Features in a wide input common-mode voltage range
and output voltage swing. The minimum operating supply voltage
down to 2.1V and the maximum recommended supply voltage is
5.5V. The operating temperature range extended -40°C to +125°C.
UTC ULV8542 suit for piezoelectric sensors, integrators, and
photodiode amplifiers based on very low input bias currents of
0.5pA. Rail-to-rail inputs and outputs are useful to design buffering
ASIC in single-supply systems.
The common applications for this device especially in very low
power systems such as safety monitoring, portable equipment.
FEATURES
* Low Cost
* Operating voltage range:2.1V~ 5.5V
* Low offset voltage:0.8mV Typical
* Very low input bias currents: 0.5pA
* Rail-to-Rail Input and Output
* Unity Gain Stable
* Gain Bandwidth Product: 1.1MHz
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULV8542L-SM1-R
ULV8542G-SM1-R
MSOP-8
Tape Reel
MARKING
PIN CONFIGURATION


Similar Part No. - ULV8542L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV8538 UTC-ULV8538 Datasheet
207Kb / 5P
LOW POWER, PRECISION, AUTO-ZERO OP AMPS
ULV8554 UTC-ULV8554 Datasheet
438Kb / 7P
ZERO-DRIFT, SINGLE-SUPPLY, RAIL-TO-RAIL INPUT/OUTPUT CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - ULV8542L-SM1-R

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Unisonic Technologies
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com