Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM609AL-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM609AL-S08-R
Description  DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM609AL-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UM609AL-S08-R Datasheet HTML 1Page - Unisonic Technologies UM609AL-S08-R Datasheet HTML 2Page - Unisonic Technologies UM609AL-S08-R Datasheet HTML 3Page - Unisonic Technologies UM609AL-S08-R Datasheet HTML 4Page - Unisonic Technologies UM609AL-S08-R Datasheet HTML 5Page - Unisonic Technologies UM609AL-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UM609A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-052.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage (VCC to GND)
VCC
40
V
Op Amp 1 and 2 Input Voltage Range (Pins 2, 5, 6)
VIN
-0.3~ VCC+0.3
V
Op Amp 2 Input Differential Voltage (Pins 5, 6)
VID
40
V
Voltage Reference Cathode Current (Pin 3)
IK
100
mA
SOP-8
500
mW
Power Dissipation (TA=25C)
MSOP-8
PD
350
mW
Operating Junction Temperature
TJ
+150
C
Storage Temperature Range
TSTG
-65 ~ +150
C
Lead Temperature (Soldering 10s)
TLEAD
260
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
3 ~ 36
V
Ambient Temperature
TA
-40 ~ +105
C
ELECTRICAL CHARACTERISTICS
(Operating Conditions: VCC=+5V, TA=25C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
VCC=5V, no load, -40C≤TA≤105C
0.17
0.25
mA
Total Supply Current,
Excluding Current in Voltage
Reference
ICC
VCC=30V, no load, -40C≤TA≤105C
0.24
0.30
mA
Voltage Reference Section
TA=25C
2.49
2.50
2.51
V
UM609A-1
-40
C≤TA≤105C
2.48
2.50
2.52
V
TA=25C
2.475
2.50
2.525
V
Reference voltage
tolerance
UM609A-2
VREF
IK=10mA
-40
C≤TA≤105C
2.45
2.50
2.55
V
Reference Voltage Deviation
Over Full Temperature Range
IK=10mA, TA=-40~105C
5
24
mV
Minimum Cathode Current for
Regulation
0.01
0.05
mA
Dynamic Impedance
IK=1.0~80mA, f<1kHz
0.2
0.5
Ω
Op Amp 1 Section
(VCC=5V, VO=1.4V, TA=25C, unless otherwise noted)
TA=25C
0.5
3
mV
Input Offset Voltage
Vi(OFF)
TA=-40~105C
5
mV
Input Offset Voltage
Temperature Drift
DVi(OFF) TA=-40~105C
7
μV/
C
Input Bias Current (Inverting
Input Only)
II(BIAS)
TA=25C
20
150
nA
Large Signal Voltage Gain
AVD
VCC=15V, RL=2kΩ, VO=1.4~11.4V
85
100
dB
Power Supply Rejection Ratio
PSRR
VCC=5~30V
70
95
dB
Source
ISOURCE VCC=15V, VID =1V, VO=2V
20
28
mA
Output Current
Sink
ISINK
VCC=15V, VID=-1V, VO=2V
7
12
mA
Output Voltage Swing (High)
VOH
VCC=30V, RL=10kΩ, VID=1V
27
28
V
Output Voltage Swing (Low)
VOL
VCC=30V, RL=10kΩ, VID=-1V
17
100
mV
Slew Rate
SR
VCC=18V, RL=2kΩ, AV =1,
VIN=0.5~2V, CL=100pF
0.2
1.0
V/μs
Unity Gain Bandwidth
GBP
VCC=30V, RL=2kΩ, CL=100pF
0.7
1.0
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com