Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELC90-130-R70 Datasheet(PDF) 1 Page - TDK Electronics

Part # ELC90-130-R70
Description  AC-DC Power Supplies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ELC90-130-R70 Datasheet(HTML) 1 Page - TDK Electronics

  ELC90-130-R70 Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC-DC Power Supplies
1 of 1
Creation Date : January 04, 2019 (GMT)
ELC90-130-R70
Sales Region
Worldwide
Series
ELC
Status
Production
Feature
LED
for LED drive
Option
Option Lineup
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Input Voltage Range[AC]
90 to 305V
Input Voltage Range[DC]
Efficiency
88% Typ.
Rated Output Voltage[DC]
130V
Output Voltage Range[DC]
50 to 130V
Maximum Output Current
700mA
Maximum Output Power
91W
Cases Shape & Size
Case’s shape
Unit
Width(W)
45.5mm Nom.
Height(H)
40.2mm Nom.
Depth(D)
228mm Nom.
Weight
830g Typ.
Other
Operating Temp. Range
-25 to 50°C
Cooling
Convection cooling
Safety Standard(Certified)
CSA C22.2 No.250.13
Den-an (Appendix 8, Appendix 10)
EN61347-1
EN61347-2-13
UL8750
Safety Standard(Conformed)
Remarks
This page only shows representative characteristics. Please refer to the
technical data for detailed specifications and conditions.
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - ELC90-130-R70

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
ELC OSRAM-ELC Datasheet
122Kb / 2P
Low Voltage Tungsten Halogen Lamps with Reflector
logo
Multicomp Pro
ELC MULTICOMP-ELC Datasheet
236Kb / 1P
Dichroic Reflector GX5.3 Base Lamp
06/06/12 V1.0
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
Adoption of High -m and High Bm ferrite cores
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
Choke Coils
ELC-09D180DF PANASONIC-ELC-09D180DF Datasheet
136Kb / 7P
Examples Type 06D
More results

Similar Description - ELC90-130-R70

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com