Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5116400B Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM5116400B
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116400B Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5116400B Datasheet HTML 1Page - OKI electronic componets MSM5116400B Datasheet HTML 2Page - OKI electronic componets MSM5116400B Datasheet HTML 3Page - OKI electronic componets MSM5116400B Datasheet HTML 4Page - OKI electronic componets MSM5116400B Datasheet HTML 5Page - OKI electronic componets MSM5116400B Datasheet HTML 6Page - OKI electronic componets MSM5116400B Datasheet HTML 7Page - OKI electronic componets MSM5116400B Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
208
MSM5116400B
¡ Semiconductor
16M
PIN CONFIGURATION (TOP VIEW)
26/24-Pin Plastic SOJ
26/24-Pin Plastic TSOP
(K Type)
26/24-Pin Plastic TSOP
(L Type)
Pin Name
Function
A0 - A9,
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1 - DQ4
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (5 V)
VSS
Ground (0 V)
A10R, A11R
3
4
5
9
10
11
12
13
DQ2
A0
A1
A2
A3
VCC
24
23
22
18
17
16
15
14
DQ3
A7
A6
A5
A4
VSS
2
DQ1
25 DQ4
1
VCC
26 VSS
3
4
5
9
10
11
12
13
24
23
22
18
17
16
15
14
2
25
1
26
24
23
22
18
17
16
15
14
3
4
5
9
10
11
12
13
25
2
26
1
,



6
A11R
21 A9
21
21
6
8
A10R
19 A8
19
19
8
6
8
DQ2
A0
A1
A2
A3
VCC
DQ1
VCC
A11R
A10R
DQ3
A7
A6
A5
A4
VSS
DQ4
VSS
A9
A8
DQ3
A7
A6
A5
A4
VSS
DQ4
VSS
A9
A8
DQ2
A0
A1
A2
A3
VCC
DQ1
VCC
A11R
A10R
WE
CAS
WE
CAS
CAS
WE
RAS
OE
RAS
OE
OE
RAS
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com