Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SSB44
Description  4A, 40V High Current Density Surface Mount Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSB44 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SSB44 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSB44 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SSB44 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SSB44 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SSB44 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSB44
Taiwan Semiconductor
1
Version:A1705
4A, 40V High Current Density Surface Mount Schottky Rectifier
FEATURES
● Low power loss, high efficiency
● Low profile package
● Ideal for automated placement
● High surge current capability
● Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Polarity protection
● Applications
● Freewheeling
● Low voltage high frequency inverters
● On-board DC/DC converter
MECHANICAL DATA
● Case: DO-214AA(SMB)
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix "H" means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Moisture sensitivity level: level 1, per J-STD-020
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.11 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
4
A
VRRM
40
V
IFSM
100
A
TJ MAX
150
°C
Package
DO-214AA(SMB)
Configuration
Single
DO-214AA(SMB)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
SSB44
UNIT
Marking code on the device
SSB44
Repetitive peak reverse voltage
VRRM
40
V
Reverse voltage, total rms value
VR(RMS)
28
V
Forward current
IF(AV)
4
A
Surge peak forward current, 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
100
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - SSB44

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SSB44 VISHAY-SSB44 Datasheet
105Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
03-Nov-06
logo
Shenzhen Taychipst Elec...
SSB44 TAYCHIPST-SSB44 Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SSB44 VISHAY-SSB44 Datasheet
426Kb / 4P
High Current Density Surface Mount Schottky Rectifier
02-Aug-13
SSB44 VISHAY-SSB44 Datasheet
90Kb / 4P
High Current Density Surface Mount Schottky Rectifier
11-Dec-14
SSB44 VISHAY-SSB44 Datasheet
79Kb / 4P
High Current Density Surface Mount Schottky Rectifier
11-Dec-14
More results

Similar Description - SSB44

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
High Current Density Surface Mount Schottky Rectifier
14-Jan-14
SSC53L VISHAY-SSC53L_15 Datasheet
90Kb / 4P
High Current Density Surface Mount Schottky Rectifier
28-Apr-14
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Rectifier
01-Dec-14
B330LA VISHAY-B330LA_15 Datasheet
438Kb / 4P
High Current Density Surface Mount Schottky Rectifier
02-Aug-13
B330LA-M3 VISHAY-B330LA-M3_15 Datasheet
73Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
26-Apr-13
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SS10PH45 VISHAY-SS10PH45_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Schottky Rectifier
24-Apr-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com